Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5345 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB5345
Description  104 dB, 24-Bit, 192 kHz Stereo Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5345 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB5345 Datasheet HTML 9Page - Cirrus Logic CDB5345 Datasheet HTML 10Page - Cirrus Logic CDB5345 Datasheet HTML 11Page - Cirrus Logic CDB5345 Datasheet HTML 12Page - Cirrus Logic CDB5345 Datasheet HTML 13Page - Cirrus Logic CDB5345 Datasheet HTML 14Page - Cirrus Logic CDB5345 Datasheet HTML 15Page - Cirrus Logic CDB5345 Datasheet HTML 16Page - Cirrus Logic CDB5345 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
DS658F2
13
CS5345
PGAOUT ANALOG CHARACTERISTICS
(Continued)
VA = 3.13 V to 3.46 V
Parameter
Symbol
Commercial Grade
Automotive Grade
Unit
Min
Typ
Max
Min
Typ
Max
Dynamic Performance with PGA Line-Level Input Selected
Dynamic Range
PGA Setting: -12 dB to +6 dB
A-weighted
unweighted
PGA Setting: +12 dB Gain
A-weighted
unweighted
93
90
89
86
101
98
95
92
-
-
-
-
91
88
87
84
101
98
95
92
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 11)
PGA Setting: -12 dB to +6 dB
-1 dB
-20 dB
-60 dB
PGA Setting: +12 dB Gain
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-80
-78
-38
-80
-72
-32
-74
-
-
-74
-
-
-
-
-
-
-
-
-80
-78
-38
-80
-72
-32
-72
-
-
-72
-
-
dB
dB
dB
dB
dB
dB
Dynamic Performance with PGA Mic Level-Input Selected
Dynamic Range
PGA Setting: -12 dB to 0 dB
A-weighted
unweighted
PGA Setting: +12 dB
A-weighted
unweighted
77
74
65
62
83
80
71
68
-
-
-
-
75
72
63
60
83
80
71
68
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 11)
PGA Setting: -12 dB to 0 dB
-1 dB
-20 dB
-60 dB
PGA Setting: +12 dB
-1 dB
THD+N
-
-
-
-
-74
-60
-20
-68
-68
-
-
-
-
-
-
-
-74
-60
-20
-68
-66
-
-
-
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com