Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5366 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CDB5366
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5366 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CDB5366 Datasheet HTML 3Page - Cirrus Logic CDB5366 Datasheet HTML 4Page - Cirrus Logic CDB5366 Datasheet HTML 5Page - Cirrus Logic CDB5366 Datasheet HTML 6Page - Cirrus Logic CDB5366 Datasheet HTML 7Page - Cirrus Logic CDB5366 Datasheet HTML 8Page - Cirrus Logic CDB5366 Datasheet HTML 9Page - Cirrus Logic CDB5366 Datasheet HTML 10Page - Cirrus Logic CDB5366 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
DS626F2
7
CS5366
Pin Name
Pin #
Pin Description
AIN2+, AIN2-
AIN4+, AIN4-
AIN3+, AIN3-
AIN6+, AIN6-
AIN5+, AIN5-
AIN1+, AIN1-
1,2
11,12
13,14
43,44
45,46
47,48
Differential Analog (Inputs) - Audio signals are presented differently to the delta sigma modula-
tors via the AIN+/- pins.
GND
3,8
10,15
16,17
18,19
29,32
Ground (Input) - Ground reference. Must be connected to analog ground.
VA
4,9
Analog Power (Input) - Positive power supply for the analog section
REF_GND
5
Reference Ground (Input) - For the internal sampling circuits. Must be connected to analog
ground.
FILT+
6
Positive Voltage Reference (Output) - Reference voltage for internal sampling circuits.
VQ
7
Quiescent Voltage (Output) - Filter connection for the internal quiescent reference voltage.
VX
20
Crystal Oscillator Power (Input) - Also powers control logic to enable or disable oscillator cir-
cuits.
XTI
XTO
21
22
Crystal Oscillator Connections (Input/Output) - I/O pins for an external crystal which may be
used to generate MCLK.
MCLK
23
System Master Clock (Input/Output) - When a crystal is used, this pin acts as a buffered MCLK
Source (Output). When the oscillator function is not used, this pin acts as an input for the system
master clock. In this case, the XTI and XTO pins must be tied low.
LRCK/FS
24
Serial Audio Channel Clock (Input/Output)
In I²S mode Serial Audio Channel Select. When low, the odd channels are selected.
In LJ mode Serial Audio Channel Select. When high, the odd channels are selected.
In TDM Mode a frame sync signal. When high, it marks the beginning of a new frame of serial
audio samples. In Slave Mode, this pin acts as an input pin.
SCLK
25
Main timing clock for the Serial Audio Interface (Input/Output) - During Master Mode, this pin
acts as an output, and during Slave Mode it acts as an input pin.
TSTO
26
Test Out (Output) - Must be left unconnected.
SDOUT2
27
Serial Audio Data (Output) - Channels 3,4.
VLS
28
Serial Audio Interface Power - Positive power for the serial audio interface.
SDOUT1/TDM
30
Serial Audio Data (Output) - Channels 1,2. TDM.
SDOUT3/TDM
31
Serial Audio Data (Output) - Channels 5,6. TDM is complementary TDM data.
VD
33
Digital Power (Input) - Positive power supply for the digital section.
VLC
35
Control Port Interface Power - Positive power for the control port interface.
OVFL
36
Overflow (Output, open drain) - Detects an overflow condition on both left and right channels.
RST
41
Reset (Input) - The device enters a low power mode when low.
Stand-Alone Mode
CLKMODE
34
CLKMODE (Input) - Setting this pin HIGH places a divide-by-1.5 circuit in the MCLK path to the
core device circuitry.
DIF1
DIF0
37
38
DIF1, DIF0 (Input) - Sets the serial audio interface format.
M1
M0
39
40
Mode Selection (Input) - Determines the operational mode of the device.
MDIV
42
MCLK Divider (Input) - Setting this pin HIGH places a divide-by-2 circuit in the MCLK path to the
core device circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com