Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5343 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5343
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5343 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5343 Datasheet HTML 10Page - Cirrus Logic CS5343 Datasheet HTML 11Page - Cirrus Logic CS5343 Datasheet HTML 12Page - Cirrus Logic CS5343 Datasheet HTML 13Page - Cirrus Logic CS5343 Datasheet HTML 14Page - Cirrus Logic CS5343 Datasheet HTML 15Page - Cirrus Logic CS5343 Datasheet HTML 16Page - Cirrus Logic CS5343 Datasheet HTML 17Page - Cirrus Logic CS5343 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
DS687F1
CS5343/4
4.1.2
Master Mode Operation
As clock Master, the CS5343/4 generates LRCK and SCLK synchronously on-chip. Table 3 shows the
available sample rates and associated clock ratios in Master Mode.
4.1.2.1
Master Mode Speed Selection
During power-up in Master Mode, the LRCK and SCLK pins are inputs to configure speed mode and the
output clock ratio. The LRCK pin is pulled low internally to select Single-Speed Mode by default, but Dou-
ble-Speed Mode is accessed with a 10 k
Ω pull-up resistor from LRCK to VA as shown in Table 4. Simi-
larly, the SCLK pin is internally pulled-low by default to select a 256x/512x MCLK/LRCK ratio, but a
MCLK/LRCK ratio of 348x/768x is accessed with a 10 k
Ω pull-up resistor from SCLK to VA as shown in
Table 4. Following the power-up routine, the LRCK and SCLK pins become clock outputs.
4.1.3
Master Clock
The CS5343/4 requires a Master clock (MCLK) which runs the internal sampling circuits and digital filters.
There is an internal automatic MCLK divider which is activated based on the input frequency of MCLK.
This divider selection allows the high and low MCLK speeds in a given speed mode (i.e. 256x and 512x
in SSM). Table 4 lists some common audio output sample rates and the required MCLK frequency.
Speed Mode
MCLK/LRCK
Ratio
SCLK/LRCK
Ratio
Input Sample Rate Range (kHz)
Single-Speed Mode
256x
64
4 - 54
512x
64
4 - 54
384x
64
4 - 54
768x
64
4 - 54
Double-Speed Mode
128x
64
86 - 108
256x
64
86 - 108
192x
64
86 - 108
384x
64
86 - 108
Table 3. Speed Modes and the Associated Sample Rates (Fs) in Master Mode
Pin
Resistor Option
Clock Configuration
LRCK
Internal Pull-Down to GND (100 k
Ω)
Single-Speed Mode (default)
External Pull-Up to VA (10 k
Ω)
Double-Speed Mode
SCLK
Internal Pull-Down to GND (100 k
Ω)
128x/256x/512x MCLK/LRCK (default)
External Pull-Up to VA (10 k
Ω)
192x/384x/768x MCLK/LRCK
Table 4. Speed Mode Selection in Master Mode
Master and Slave Mode
Sample Rate (kHz)
Speed Mode
MCLK(MHz)
MCLK (MHz)
256x
512x
384x
768x
32
SSM
8.912
16.384
12.288
24.576
44.1
SSM
11.289
22.579
16.934
33.868
48
SSM
12.288
24.576
18.432
36.864
Sample Rate (kHz)
Speed Mode
MCLK(MHz)
MCLK (MHz)
128x
256x
192x
384x
88.2
DSM
11.289
22.579
16.934
33.868
96
DSM
12.288
24.576
18.432
36.864
Table 5. Common MCLK Frequencies in Master and Slave Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com