Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCMS-39X6 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-39X6
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-39X6 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-39X6 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Appendix F. Reference
Material
Application Note 1027:
Soldering LED Components
Application Note 1015: Contrast
Enhancement Techniques for
LED Displays
Figure 10. Relative luminous Intensity versus ambient temperature.
Appendix E. Display
Brightness
Two ways have been shown to
control the brightness of this
LED display: setting the peak
current and setting the duty
factor. Both values are set in
Control Word 0. To compute the
resulting display brightness when
both PWM and peak current
control are used, simply multiply
the two relative brightness
factors. For example, if Control
Register 0 holds the word
1001101, the peak current is
73% of full scale (BIT D5=L, BIT
D4 = L) and the PWM is set to
60% duty factor (BIT D3 = H,
BIT D2 = H, BIT D1 = L, BIT D0
= H). The resulting brightness is
44% (.73 x .60 = .44) of full
scale.
The temperature of the display
will also affect the LED
brightness as shown in Figure 10.
0
-50
AMBIENT TEMPERATURE – °C
3.0
2.5
2.0
1.5
1.0
0.5
100
50
0
RED
GREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com