Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-520K Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-520K
Description  Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-520K Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-520K Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-520K Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-520K Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-520K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-520K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-520K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-520K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-520K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-520K Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image

Package�t��le��orthe�e�art�are��inD�Pthroughhole
(ca�eoutlineP)���6�inD�Pflat�ack(ca�eoutline�)��and
leadle��ceramicchi�carrier(ca�eoutline�).Device�ma��
be �urcha�ed with a variet�� o� lead bend and �lating
o�tion����eeSelection�uide�able�ordetail�.Standard
MicrocircuitDrawing(SMD)�art�areavailable�oreach
�ackageandlead�t��le.
Becau�ethe�ameelectricaldie(emitter�anddetector�)
are u�ed �or each channel o� each device li�ted in thi�
data �heet�� ab�olute ma�imum rating��� recommended
o�eratingcondition���electrical��ecification���and�er�or�
mancecharacteri�tic��howninthefigure�areidentical
�orall�art�.�cca�ionale�ce�tion�e�i�tdueto�ackage
variation�andlimitation�andarea�noted.�dditionall����
the�ame�ackagea��embl���roce��e�andmaterial�are
u�edinalldevice�.�he�e�imilaritie�giveju�tification�or
theu�eo�dataobtained�romone�arttore�re�entother
�art’��er�ormance�ordierelatedreliabilit��andcertain
limitedradiationte�tre�ult�.
Truth Tables
(Po�itive�ogic)
Functional Diagram
Multi�leChannelDevice��vailable
Multichannel Devices
Input
Output
On (H)
H
Off (L)
L
Single Channel Devices
Input
Enable
Output
On (H)
H
Z
Off (L)
H
Z
On (H)
L
H
Off (L)
L
L
V CC
V O
V E
GND
8 Pin DIP
8 Pin DIP
16 Pin Flat Pack
20 Pad LCCC
Through Hole
Through Hole
Unformed Leads
Surface Mount
1 Channel
2 Channels
4 Channels
2 Channels
Functional Diagrams
V CC
7
5
6
8
V O
V E
GND
1
2
3
4
5
7
6
8
12
10
11
9
GND
V O4
V O3
1
3
2
4
16
14
15
13
V CC
V O2
V O1
GND 1
V O2
19
20
2
3
V O1
8
7
V CC2
V CC1
10
GND 2
15
13
12
V CC
7
5
6
8
V O1
GND
1
2
3
4
V O2
Note��MultichannelD�Pandflat�ackdevice�havecommon�CCandground.SinglechannelD�Pha�anenable�in6.�CCC(leadle��ceramicchi�
carrier)�ackageha�i�olatedchannel�with�e�arate�CCandgroundconnection�.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com