Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-0760 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-0760
Description  Hexadecimal and Numeric Displays for Industrial Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-0760 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-0760 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-0760 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-0760 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-0760 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-0760 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-0760 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-0760 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-0760 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-0760 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Package Dimensions
13.5
(0.53)
3.0
(0.12)
COLOR
CODE(3)
LUMINOUS
INTENSITY
CATEGORY
DATE CODE
TYP.
0-10
°
PIN 1 KEY
4.8
(0.19)
10.2
(0.400)
5.6
(0.22)
1.5
(0.06)
7.4
(0.29)
5
°
MAX.
PIN
1
2
3
4
5
6
7
8
NUMERIC
Input 2
Input 4
Input 8
Decimal Point
Latch Enable
Ground
VCC
Input 1
HEXADECIMAL
Input 2
Input 4
Input 8
Blanking Control
Latch Enable
Ground
VCC
Input 1
NOTES:
1. DIMENSIONS IN MILLIMETERS AND (INCHES).
2. DIGIT CENTER LINE IS
± 0.38 mm (± 0.015 INCH)
FROM PACKAGE CENTER LINE.
3. UNLESS OTHERWISE SPECIFIED, THE TOLERANCE
ON ALL DIMENSIONS IS
± 0.38 mm (± 0.015 INCH).
4. HDSP-0860 AND HDSP-0960 SERIES.
A
REAR VIEW
SIDE VIEW
END VIEW
10.2
(0.400)
15.2
(0.600)
HDSP
XXXX
YYWW
5
ZX Z
67
8
432
1
13.5
(0.53)
3.6
(0.14)
4.8
(0.19)
4.3
(0.17)
0.3
± 0.08
(0.012
± 0.003)
TYP.
2.5
± 0.13
(0.10
± 0.005)
TYP.
0.5
± 0.08
(0.020
± 0.003)
TYP.
SEATING
PLANE
1.3
(0.050)
3.8
(0.15)
1.5
(0.06)
3.4
(0.135)
2.8
(0.11)
10.2
(0.400)
5.6
(0.22)
1.5
(0.06)
7.4
(0.29)
5
°
MAX.
B
13.5
(0.53)
4.8
(0.19)
10.2
(0.400)
1.5
(0.06)
7.4
(0.29)
5
°
MAX.
C
SEATING
PLANE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com