Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT-KFKM-UB-R Datasheet(PDF) 1 Page - Eravant

Part # SCT-KFKM-UB-R
Description  2.92 mm (F) to 2.92 mm (M) Coaxial Adapter, Right Angle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SCT-KFKM-UB-R Datasheet(HTML) 1 Page - Eravant

  SCT-KFKM-UB-R Datasheet HTML 1Page - Eravant SCT-KFKM-UB-R Datasheet HTML 2Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCT-KFKM-UB-R
Rev. 1.0
www.sagemillimeter.com | 3043 Kashiwa Street, Torrance, CA 90505
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: sales@sagemillimeter.com
Page | 1
2.92 mm (F) to 2.92 mm (M) Coaxial Adapter, Right Angle
Copyright © 2020 by SAGE Millimeter, Inc.
Description:
Model SCT-KFKM-UB-R is a 2.92 mm (K) female
to 2.92 mm (K) male coaxial adapter with a right
angle (90°) that covers the frequency range of DC
to 40 GHz. This coaxial adapter offers efficient
transitioning between the coaxial connectors
with a high return loss and typical insertion loss
of 0.4 dB. The impedance of the adapter is 50
Ohms. Other configurations are available under
different model numbers.
Features:
• Instrumentation Grade
• High Return Loss
• Low Insertion Loss
Applications:
• Test Lab
• Sub-assemblies
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency
DC
40 GHz
Insertion Loss
0.4 dB
Return Loss
@ DC to 20 GHz
30 dB
@ 20 to 40 GHz
25 dB
Impedance
50 Ω
Power Handling (CW)*
20 W (CW)
Specification Temperature
+25 °C
Operating Temperature
-40 °C
+85 °C
*Note: The power handling is specified conservatively. It can be as high as 50 watts depending on user environment details.
Mechanical Specifications:
Item
Specification
Connector 1 Type
2.92 mm (K) Female
Connector 2 Type
2.92 mm (K) Male
Body Material
Stainless Steel
Body Finish
Passivated
Contact Material
Beryllium Copper
Insulator Material
PEI
Adapter Body Style
Right Angle
Weight
0.2 Oz
Size
0.63” (L) X 0.66” (W)
Outline
CT-KFKM-R-LN1


Similar Part No. - SCT-KFKM-UB-R

ManufacturerPart #DatasheetDescription
logo
Eravant
SCT-KFKM-UB ERAVANT-SCT-KFKM-UB Datasheet
236Kb / 2P
2.92 mm (F) to 2.92 mm (M) Coaxial Adapter
Rev. 1.2
More results

Similar Description - SCT-KFKM-UB-R

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
02K246-40ML5 ROSENBERGER-02K246-40ML5 Datasheet
566Kb / 2P
RPC-2.92 RIGHT ANGLE JACK PCB
02K249-40ML5 ROSENBERGER-02K249-40ML5 Datasheet
249Kb / 2P
RPC-2.92 Right Angle Jack PCB
02S221-271S3 ROSENBERGER-02S221-271S3 Datasheet
67Kb / 2P
RPC-2.92 RIGHT ANGLE PLUG
logo
Mini-Circuits
BLK-K44 MINI-BLK-K44 Datasheet
190Kb / 2P
DC Block 2.92 mm-F to 2.92mm
185F-KF MINI-185F-KF Datasheet
193Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-F
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-M
185M-KF MINI-185M-KF Datasheet
202Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-F
185M-KM MINI-185M-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-M
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185M-24F MINI-185M-24F Datasheet
204Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-F
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com