Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6101 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC6101
Description  PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6101 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC6101 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6101 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6101 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6101 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6101 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA2196 / 2SC6101
No. A0462-2/5
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=(--)1.5A, IB=(--)30mA
(--170)135
(--255)200
mV
VCE(sat)2
IC=(--)1.5A, IB=(--)75mA
(--)120
(--)180
mV
Base-to-Emitterr Saturation Voltage
VBE(sat)
VCE=(--)1.5V, IB=(--)30mA
(--)0.85
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0A
(--30)40
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(50)30
ns
Storage Time
tstg
See specified Test Circuit.
(270)300
ns
Fall Time
tf
See specified Test Circuit.
(25)15
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7515-002
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
5.0
4.0
3.0
1.5
4.5
3.5
2.0
2.5
0.5
1.0
1.6
0.4
0.8
1.2
1.8
0.2
0.6
1.0
1.4
2.0
0
0
IB=0mA
5mA
10mA
15mA
20mA
25mA
IT11474
--5.0
--4.0
--3.0
--1.5
--4.5
--3.5
--2.0
--2.5
--0.5
--1.0
0
0
--0.2
--0.6
--0.4
--1.8
--1.2
--0.8
--1.4
--1.6
--1.0
--2.0
--10mA
--15mA
IB=0mA
IT11473
--20mA
--40mA
2SA2196
2SC6101
--5mA
--30mA
--25mA
--50mA
30mA
40mA
50mA
8.0
4.0
1.6
0.8
0.6
0.8
0.5
2.7
12
3
3.0
4.8
2.4
1 : Emitter
2 : Collector
3 : Base
SANYO : TO-126
VR
RB
VCC=12V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
20IB1= --20IB2=IC=500mA
For PNP, the polarity is reversed.
24
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com