Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMA1021 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UMA1021
Description  Low-voltage frequency synthesizer for radio telephones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1021 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UMA1021 Datasheet HTML 4Page - NXP Semiconductors UMA1021 Datasheet HTML 5Page - NXP Semiconductors UMA1021 Datasheet HTML 6Page - NXP Semiconductors UMA1021 Datasheet HTML 7Page - NXP Semiconductors UMA1021 Datasheet HTML 8Page - NXP Semiconductors UMA1021 Datasheet HTML 9Page - NXP Semiconductors UMA1021 Datasheet HTML 10Page - NXP Semiconductors UMA1021 Datasheet HTML 11Page - NXP Semiconductors UMA1021 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1998 Nov 19
8
Philips Semiconductors
Product specification
Low-voltage frequency synthesizer for
radio telephones
UMA1021AM
Charge pump output; pin 2
Vo(compl)
compliance output voltage
Rset = 5.6 kΩ
0.4
−
VCC − 0.4 V
Io(err)
output current error
Rset = 5.6 kΩ−25
−
+25
%
Io(match)
sink-to-source current matching
Rset = 5.6 kΩ−
±5
−
%
IL
leakage current
Rset = 5.6 kΩ;
charge pump off;
Vo(compl) = 1⁄2VCC
−5
±1+5
nA
Phase noise
N900
RF synthesizer’s contribution to
close-in phase noise of 900 MHz
VCO signal inside the closed loop
bandwidth
fxtal = 13 MHz;
Vxtal = 0 dBm;
fph(comp) = 200 kHz
−−88
−
dBc/Hz
N1800
RF synthesizer’s contribution to
close-in phase noise of 1.8 GHz
VCO signal inside the closed loop
bandwidth
fxtal = 13 MHz;
Vxtal = 0 dBm;
fph(comp) = 200 kHz
−−82
−
dBc/Hz
Interface logic inputs; pins 7, 9, 10 and 11
VIH
HIGH-level input voltage
0.7VDD
−
VDD + 0.3 V
VIL
LOW-level input voltage
−0.3
−
0.3VDD
V
Ii(bias)
input bias current
logic 1 or logic 0
−5
−
+5
µA
Ci
input capacitance
−
2
−
pF
Out-of-lock detector output; pin 1
VOL
LOW-level output voltage
open-drain output
−−
0.3VDD
V
Eϕ(th)
threshold phase error
open-drain output
−
25
−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com