Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6084 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC6084
Description  NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6084 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC6084 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6084 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6084 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6084 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC6084
No. A0630-2/4
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7507-001
VR
RB
VCC=200V
VBE= --5V
++
50Ω
INPUT
OUTPUT
RL=111Ω
100µF
470µF
PW=20µs
IB1
D.C.≤1%
IB2
10.2
5.1
4.5
1.3
3.6
1.2
0.8
0.4
2.55
2.55
12
3
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-220
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- A
hFE -- IC
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Collector Current, IC -- A
VCE(sat) -- IC
IC -- VCE
01
3
5
7
9
0
24
6
8
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
0.01
0.1
3
1.0
2
2
3
5
7
0.1
5
7
10
3
5
7
23
5
7
2
3
5
7
1.0
23
5
7
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
01.6
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
3
2
0.01
0.1
1.0
10
23
5
7
23
57
2
3
57
5
7
1.0
10
3
2
2
5
7
100
IT11930
IT11932
IT11933
IT11931
IC / IB=5
25
°C Ta=120
°C
--40
°C
VCE=5V
Ta=120°C
IB=0A
0.05A
0.1A
0.2A
0.3A
0.4A
0.6A 0.5A
0.7A
0.8A
0.9A
1.0A
1.1A
1.2A
1.3A
1.5A
1.4A
VCE=5V
25°C
--40°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com