Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM35A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM35A
Description  Precision Centigrade Temperature Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM35A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM35A Datasheet HTML 1Page - National Semiconductor (TI) LM35A Datasheet HTML 2Page - National Semiconductor (TI) LM35A Datasheet HTML 3Page - National Semiconductor (TI) LM35A Datasheet HTML 4Page - National Semiconductor (TI) LM35A Datasheet HTML 5Page - National Semiconductor (TI) LM35A Datasheet HTML 6Page - National Semiconductor (TI) LM35A Datasheet HTML 7Page - National Semiconductor (TI) LM35A Datasheet HTML 8Page - National Semiconductor (TI) LM35A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 10)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
a
35V to b02V
Output Voltage
a
6V to b10V
Output Current
10 mA
Storage Temp TO-46 Package
b
60 Cto a180 C
TO-92 Package
b
60 Cto a150 C
SO-8 Package
b
65 Cto a150 C
TO-202 Package
b
65 Cto a150 C
Lead Temp
TO-46 Package (Soldering 10 seconds)
300 C
TO-92 Package (Soldering 10 seconds)
260 C
TO-202 Package (Soldering 10 seconds)
a
230 C
SO Package (Note 12)
Vapor Phase (60 seconds)
215 C
Infrared (15 seconds)
220 C
ESD Susceptibility (Note 11)
2500V
Specified Operating Temperature Range TMIN to TMAX
(Note 2)
LM35 LM35A
b
55 Cto a150 C
LM35C LM35CA
b
40 Cto a110 C
LM35D
0 Cto a100 C
Electrical Characteristics (Note 1) (Note 6)
LM35A
LM35CA
Parameter
Conditions
Tested
Design
Tested
Design
Units
Typical
Limit
Limit
Typical
Limit
Limit
(Max)
(Note 4)
(Note 5)
(Note 4)
(Note 5)
Accuracy
TAea25 C
g
02
g
05
g
02
g
05
C
(Note 7)
TAeb10 C
g
03
g
03
g
10
C
TAeTMAX
g
04
g
10
g
04
g
10
C
TAeTMIN
g
04
g
10
g
04
g
15
C
Nonlinearity
TMINsTAsTMAX
g
018
g
035
g
015
g
03
C
(Note 8)
Sensor Gain
TMINsTAsTMAX
a
100
a
99
a
100
a
99
mV C
(Average Slope)
a
101
a
101
Load Regulation
TAea25 C
g
04
g
10
g
04
g
10
mVmA
(Note 3) 0sILs1mA
TMINsTAsTMAX
g
05
g
30
g
05
g
30
mVmA
Line Regulation
TAea25 C
g
001
g
005
g
001
g
005
mVV
(Note 3)
4VsVSs30V
g
002
g
01
g
002
g
01
mVV
Quiescent Current
VSea5V a25 C
5667
5667
m
A
(Note 9)
VSea5V
105
131
91
114
m
A
VSea30V a25 C
562
68
562
68
m
A
VSea30V
1055
133
915
116
m
A
Change of
4VsVSs30V a25 C
02
10
02
10
m
A
Quiescent Current
4VsVSs30V
05
20
05
20
m
A
(Note 3)
Temperature
a
039
a
05
a
039
a
05
m
A C
Coefficient of
Quiescent Current
Minimum Temperature
In circuit of
a
15
a
20
a
15
a
20
C
for Rated Accuracy
Figure 1 ILe0
Long Term Stability
TJeTMAX for
g
008
g
008
C
1000 hours
Note 1
Unless otherwise noted these specifications apply b55 CsTJsa150 C for the LM35 and LM35A b40 sTJsa110 C for the LM35C and LM35CA and
0 sTJsa100 C for the LM35D VSea5Vdc and ILOADe50 mA in the circuit of Figure 2 These specifications also apply from a2 CtoTMAX in the circuit of
Figure 1 Specifications in boldface apply over the full rated temperature range
Note 2
Thermal resistance of the TO-46 package is 400 CW junction to ambient and 24 CW junction to case Thermal resistance of the TO-92 package is
180 CW junction to ambient Thermal resistance of the small outline molded package is 220 CW junction to ambient Thermal resistance of the TO-202 package
is 85 CW junction to ambient For additional thermal resistance information see table in the Applications section
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com