Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMA1021 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UMA1021
Description  Low-voltage frequency synthesizer for radio telephones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1021 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UMA1021 Datasheet HTML 4Page - NXP Semiconductors UMA1021 Datasheet HTML 5Page - NXP Semiconductors UMA1021 Datasheet HTML 6Page - NXP Semiconductors UMA1021 Datasheet HTML 7Page - NXP Semiconductors UMA1021 Datasheet HTML 8Page - NXP Semiconductors UMA1021 Datasheet HTML 9Page - NXP Semiconductors UMA1021 Datasheet HTML 10Page - NXP Semiconductors UMA1021 Datasheet HTML 11Page - NXP Semiconductors UMA1021 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Jun 17
8
Philips Semiconductors
Product specification
Low-voltage frequency synthesizer
for radio telephones
UMA1021M
CHARACTERISTICS
All values refer to the typical measurement circuit of Fig.5; VDD1 =VDD2 = 2.7 to 5.5 V; VCC = 2.7 to 5.5 V; Tamb =25 °C;
unless otherwise specified. Characteristics for which only a typical value is given are not tested.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply; pins 4, 14 and 18
VDD
digital supply voltage
VDD1 =VDD2; VCC ≥ VDD
2.7
−
5.5
V
VCC
charge pump supply voltage
VCC ≥ VDD
2.7
−
5.5
V
IDD1 +IDD2
synthesizer digital supply current
VDD = 5.5 V
−
7
9.5
mA
ICC
charge pump supply current
VCC = 5.5 V;
RSET = 5.6 kΩ
−
3
3.8
mA
ICC(pd) +IDD(pd) total supply current in
power-down mode
logic levels 0 V or VDD
−
550
µA
RF main divider input; pin 6
fRF
RF input frequency
300
−
2200
MHz
VRF(rms)
AC-coupled input signal level
(RMS value)
Rs =50 Ω
50
−
225
mV
Rm
main divider ratio
512
−
131071
Zi
input impedance (real part)
fRF = 1 GHz
−
1
−
k
Ω
fRF = 2 GHz
−
60
−Ω
Ci
typical pin input capacitance
fRF = 1 GHz
−
1
−
pF
fRF = 2 GHz
−
1
−
pF
Synthesizer reference divider input; pins 15 and 16
fxtal
crystal reference input frequency
3
−
35
MHz
Vxtal(rms)
sinusoidal input signal level
between pins 15 and 16
(RMS value)
50
−
500
mV
Rref
reference division ratio
8
2047
Zi
input impedance (real part)
fxtal = 13 MHz
−
10
−
k
Ω
Ci
typical pin input capacitance
fxtal = 13 MHz
−
1.5
−
pF
Phase detector
fPCmax
maximum loop comparison
frequency
−
2000
−
kHz
Charge pump current setting resistor input; pin 19
RSET
external resistor connected
between pin 19 and ground
5.6
−
12
k
Ω
VSET
regulated voltage at pin 19
RSET = 5.6 kΩ−
1.2
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com