Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3702JS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK3702JS
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3702JS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK3702JS Datasheet HTML 1Page - Sanyo Semicon Device 2SK3702JS Datasheet HTML 2Page - Sanyo Semicon Device 2SK3702JS Datasheet HTML 3Page - Sanyo Semicon Device 2SK3702JS Datasheet HTML 4Page - Sanyo Semicon Device 2SK3702JS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK3702JS
No. A0632-2/5
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=20V, f=1MHz
775
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
125
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
105
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
11
ns
Rise Time
tr
See specified Test Circuit.
65
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
75
ns
Fall Time
tf
See specified Test Circuit.
70
ns
Total Gate Charge
Qg
VDS=30V, VGS=10V, ID=18A
19
nC
Gate-to-Source Charge
Qgs
VDS=30V, VGS=10V, ID=18A
2.5
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=30V, VGS=10V, ID=18A
4.1
nC
Diode Forward Voltage
VSD
IS=18A, VGS=0V
0.98
1.2
V
Package Dimensions
unit : mm (typ)
7525-002
Switching Time Test Circuit
Avalanche Resistance Test Circuit
PW=10µs
D.C.≤1%
P.G
50Ω
G
S
D
ID=9A
RL=3.33Ω
VDD=30V
VOUT
2SK3702JS
VIN
10V
0V
VIN
50Ω
10V
0V
≥50Ω
VDD
L
2SK3702JS
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220ML(LS)
0.75
0.7
12 3
10.0
1.2
1.6
2.55
2.55
4.5
2.8
3.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com