Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6096 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC6096
Description  NPN Bipolar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC6096 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC6096 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC6096 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC6096 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN Bipolar Transistor
2SC6096
www.iscsemi.com
1
DESCRIPTION
· Adoption of FBET, MBIT process
· High-speed switching
· Large current capacity
APPLICATIONS
· DC / DC converter
· Relay drivers
· Lamp drivers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
6.5
V
IC
Collector Current-Continuous
2
A
ICP
Collector Current-Pulse
3
A
PC
Total Power Dissipation
@ TC=25℃
3.5
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - 2SC6096

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6096 SANYO-2SC6096 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
logo
ON Semiconductor
2SC6096 ONSEMI-2SC6096 Datasheet
321Kb / 6P
Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC6096-TD-E ONSEMI-2SC6096-TD-E Datasheet
321Kb / 6P
Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC6096-TD-H ONSEMI-2SC6096-TD-H Datasheet
321Kb / 6P
Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
More results

Similar Description - 2SC6096

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSC5094 HSMC-HSC5094 Datasheet
60Kb / 7P
NPN SILICON BIPOLAR TRANSISTOR
logo
Microsemi Corporation
2N1893 MICROSEMI-2N1893 Datasheet
64Kb / 2P
NPN BIPOLAR TRANSISTOR
2N2369A MICROSEMI-2N2369A Datasheet
63Kb / 2P
NPN BIPOLAR TRANSISTOR
2N3501 MICROSEMI-2N3501 Datasheet
511Kb / 2P
NPN BIPOLAR TRANSISTOR
2N3700 MICROSEMI-2N3700 Datasheet
63Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
Advanced Semiconductor
AT41470 ASI-AT41470 Datasheet
14Kb / 1P
NPN SILICON BIPOLAR TRANSISTOR
logo
Microsemi Corporation
JAN2N2369A MICROSEMI-JAN2N2369A Datasheet
75Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
ON Semiconductor
BUD43D2 ONSEMI-BUD43D2 Datasheet
145Kb / 12P
Bipolar NPN Transistor
June, 2002 ??Rev. 2
logo
Seme LAB
2N3767SMD05 SEME-LAB-2N3767SMD05 Datasheet
21Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
KODENSHI_AUK CORP.
SUT041N KODENSHI-SUT041N Datasheet
402Kb / 6P
Dual NPN Bipolar transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com