Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5544ARKZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5544ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5544ARKZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5544ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADL5544
Rev. A | Page 5 of 20
TYPICAL SCATTERING PARAMETERS (S-PARAMETERS)
VPOS = 5 V and TA = 25°C. The effects of the test fixture have been deembedded up to the pins of the device.
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
30
−9.75838
−92.0495
19.91469
160.691
−21.4134
19.08688
−10.175
−100.818
50
−13.0161
−114.478
18.9406
163.9441
−21.1763
10.75632
−12.7436
−124.228
100
−15.8296
−142.951
18.34431
167.4073
−21.0719
3.454046
−14.8272
−150.688
200
−16.7468
−164.185
18.13374
166.5362
−21.059
−2.10036
−15.7366
−169.056
300
−16.7917
−173.294
18.0488
163.4408
−21.0741
−5.56114
−15.9476
−177.5
400
−16.7639
−178.57
17.97824
159.7115
−21.0901
−8.54887
−15.9985
177.0591
500
−16.6368
176.8142
17.91669
155.6494
−21.1284
−11.3218
−15.9997
172.8508
600
−16.5495
172.727
17.85356
151.5874
−21.1641
−13.9309
−15.9194
169.301
700
−16.4931
169.7664
17.77106
147.4093
−21.2044
−16.5131
−15.8227
166.4768
800
−16.4227
166.4253
17.71131
143.3218
−21.2438
−19.0298
−15.7257
163.7476
900
−16.3553
163.4457
17.66826
139.1424
−21.2871
−21.5022
−15.5947
162.0291
1000
−16.4799
160.784
17.58888
134.9062
−21.3302
−23.9656
−15.6619
160.4644
1100
−16.4953
158.6829
17.53756
130.7521
−21.3803
−26.4082
−15.644
159.4497
1200
−16.7606
157.8074
17.47488
126.5829
−21.4161
−28.8192
−15.8311
159.6244
1300
−16.9103
157.3382
17.44318
122.3575
−21.4674
−31.2788
−15.9907
159.7403
1400
−17.2225
158.2929
17.38821
118.1946
−21.5203
−33.7399
−16.21
160.9107
1500
−17.6402
160.1629
17.33858
114.0765
−21.5672
−36.1081
−16.539
162.8989
1600
−18.0653
164.333
17.32871
109.7247
−21.6024
−38.6986
−16.7579
165.3782
1700
−18.5601
169.5526
17.27848
105.5495
−21.6825
−41.0309
−17.0431
169.2425
1800
−19.01
177.6071
17.22524
101.4425
−21.7323
−43.4108
−17.1957
174.945
1900
−19.1982
−173.627
17.19407
97.28532
−21.7873
−45.7867
−17.2297
−179.104
2000
−19.156
−163.672
17.14779
93.09047
−21.8417
−48.1855
−17.0968
−171.974
2100
−18.7447
−154.484
17.1201
88.86399
−21.8994
−50.5584
−16.8241
−164.872
2200
−18.2725
−146.868
17.06239
84.78041
−21.9604
−52.8879
−16.481
−158.228
2300
−17.5769
−140.357
17.00071
80.71247
−22.0229
−55.1919
−16.0694
−152.253
2400
−16.9363
−136.067
16.97464
76.65373
−22.0831
−57.4478
−15.6966
−147.411
2500
−16.3707
−133.128
16.91632
72.6253
−22.1477
−59.6933
−15.4361
−143.919
2600
−15.8425
−131.025
16.84092
68.6308
−22.2125
−61.938
−15.2228
−141.803
2700
−15.4474
−130.097
16.80102
64.69363
−22.2782
−64.111
−15.209
−141.248
2800
−15.1642
−129.731
16.74106
60.74876
−22.3485
−66.3047
−15.2585
−142.511
2900
−14.9231
−130.057
16.68572
56.76032
−22.4164
−68.5093
−15.3514
−145.642
3000
−14.8791
−130.912
16.64527
52.71256
−22.4858
−70.6726
−15.4628
−150.396
3100
−14.8847
−132.738
16.56622
48.69909
−22.5616
−72.9343
−15.4514
−156.986
3200
−14.9364
−134.966
16.51404
44.62054
−22.636
−75.1868
−15.2627
−164.185
3300
−15.1065
−138.423
16.45702
40.56141
−22.7184
−77.4701
−14.9704
−171.492
3400
−15.2148
−142.265
16.38871
36.48298
−22.8123
−79.8304
−14.4379
−178.173
3500
−15.2414
−147.094
16.3331
32.32549
−22.9021
−82.0942
−13.8431
175.3551
3600
−15.0937
−152.434
16.26873
28.0511
−23.0024
−84.4293
−13.2863
169.8835
3700
−14.8339
−157.56
16.2039
23.84273
−23.1015
−86.7756
−12.7034
164.8455
3800
−14.3558
−162.074
16.11548
19.63339
−23.2085
−89.1254
−12.1263
160.5459
3900
−13.7757
−166.117
16.03442
15.32869
−23.3318
−91.426
−11.5679
156.6935
4000
−13.0504
−169.18
15.92646
11.18556
−23.4494
−93.8454
−10.9616
153.5414
4100
−12.3247
−171.219
15.82941
6.975896
−23.577
−96.1196
−10.3638
151.0243
4200
−11.6347
−173.249
15.72571
2.726895
−23.7138
−98.3778
−9.78722
149.3781
4300
−10.9654
−174.775
15.58441
−1.36477
−23.8541
−100.612
−9.23037
148.452
4440
−10.2422
−176.69
15.44684
−7.08335
−24.0446
−103.673
−8.61459
148.1682
4500
−9.95152
−177.613
15.38641
−9.50947
−24.1234
−104.95
−8.40319
148.3894
4600
−9.51739
−178.831
15.2557
−13.503
−24.2418
−107.053
−8.1407
148.9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com