Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF550 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUF550
Description  isc Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUF550 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUF550 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUF550 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUF550 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Silicon NPN Power Transistors
BUF550
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1μA; IE= 0
20
--
--
V
ICBO
Collector Cutoff Current
VCB= 10V; IE= 0
--
--
0.1
μ
A
IEBO
Emitter Cutoff Current
VEB= 1V; IC= 0
--
--
0.1
μ
A
hFE
DC Current Gain
IC= 15mA; VCE= 5V
90
150
250
COB
Output Capacitance
VCB=8V,IE=0mA,f=1MHz
--
0.65
--
pF
fT
Current-Gain—Bandwidth Product
VCE=8V,IC=40mA,f=1GHz
--
9
--
GHz
PACKAGE OUTLINE
Dimensions in mm (1mm = 0.0394“)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com