Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4D10120D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # C4D10120D
Description  Silicon Carbide Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

C4D10120D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  C4D10120D Datasheet HTML 1Page - Inchange Semiconductor Company Limited C4D10120D Datasheet HTML 2Page - Inchange Semiconductor Company Limited C4D10120D Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCD7039
eq C4D10120D
Silicon Carbide Schottky Diode
www.iscsemi.com
1
FEATURES
· High-Frequency Operation
· Positive Temperature Coefficient
· Extremely Fast Switching
· No reverse recovery
APPLICATIONS
· AC/DC converters
· Power factor correction
· Switch mode power supply
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitisve Peak Reverse Voltage
1200
V
IF
Continuous Forward Current
Tc=25°C
113
A
Tc=135°C
54
IFSM
Non-Repetitive Forward Surge Current
Tc=25°C,Tp=10ms,Half Sine Pulse
130
A
Tc=110°C,Tp=10ms,Half Sine Pulse
110
IFRM
Repetitive Peak Forward Surge Current
Tc=25°C,Tp=10ms,Half Sine Pulse
91
A
Tc=110°C,Tp=10ms,Half Sine Pulse
61
dv/dt
Maximum Rate of Voltage Change
VR= 0-960V
200
V/ns
Ptot
Power Dissipation
Tc=25°C
530
W
Tc=110°C
230
W
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃


Similar Part No. - C4D10120D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4D10120D CREE-C4D10120D Datasheet
794Kb / 5P
Silicon Carbide Schottky Diode 1.2kV Schottky Rectifier
logo
WOLFSPEED, INC.
C4D10120D WOLFSPEED-C4D10120D Datasheet
929Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. H, 09-2016
logo
Cree, Inc
C4D10120D CREE-C4D10120D_14 Datasheet
791Kb / 6P
Silicon Carbide Schottky Diode
More results

Similar Description - C4D10120D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com