Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5545ABCPZN Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF5545ABCPZN
Description  Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5545ABCPZN Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF5545ABCPZN Datasheet HTML 12Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 13Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 14Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 15Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 16Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 17Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 18Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 19Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADRF5545A
Data Sheet
Rev. B | Page 20 of 20
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
6.10
6.00 SQ
5.90
1.00
0.95
0.85
0.45
0.40
0.35
0.20 MIN
4.70
4.60 SQ
4.50
COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-5
40
1
11
10
20
21
30
31
SIDE VIEW
EXPOSED
PAD
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
AREA
DETAIL A
(JEDEC 95)
PIN 1
IN D ICATO R AR E A OP TIO N S
(SEE DETAIL A)
Figure 48. 40-Lead Lead Frame Chip Scale Package [LFCSP]
6 mm × 6 mm Body and 0.95 mm Package Height
(CP-40-15)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADRF5545ABCPZN
−40°C to +105°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-15
ADRF5545ABCPZN-R7
−40°C to +105°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-15
ADRF5545ABCPZN-RL
−40°C to +105°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-15
ADRF5545A-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2019–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D20051-4/20(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com