Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISG2135 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISG2135
Description  IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2135 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISG2135 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2135 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISG2135
eq IRGR4610D
IGBT
www.iscsemi.com
1
DESCRIPTION
· Low VCE(ON) and Switching Losses
· High Speed Switching
· Low Power Loss
APPLICATIONS
· Appliance Drives
· Uninterruptible power supplies (UPS)
· Inverters
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage Continuous
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
16
A
IC
Collector Current-Continuous
@ TC=100℃
10
A
ICM
Pulsed Collector Current@ VGE = 15V
18
A
PD
Power Dissipation @TC=25℃
77
W
Tj
Operating Junction Temperature
-40~175
℃
Tstg
Storage Temperature Range
-40~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
(
IGBT)
1.9
℃
/W
Rth j-c
Thermal Resistance,Junction to Case
(
Diode)
6.3


Similar Part No. - ISG2135

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISG2130 ISC-ISG2130 Datasheet
325Kb / 2P
N Channel IGBT
ISG2132 ISC-ISG2132 Datasheet
356Kb / 2P
IGBT
ISG2133 ISC-ISG2133 Datasheet
306Kb / 2P
IGBT
ISG2134 ISC-ISG2134 Datasheet
327Kb / 2P
IGBT
ISG2136 ISC-ISG2136 Datasheet
534Kb / 3P
IGBT
More results

Similar Description - ISG2135

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
IGBT-Module IGBT-modules
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
F3L200R12N2H3_B47 INFINEON-F3L200R12N2H3_B47 Datasheet
962Kb / 16P
IGBT,Wechselrichter / IGBT,Inverter
V3.0 2018-06-29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com