Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD5T60TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # PWD5T60TR
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60TR Datasheet(HTML) 3 Page - STMicroelectronics

  PWD5T60TR Datasheet HTML 1Page - STMicroelectronics PWD5T60TR Datasheet HTML 2Page - STMicroelectronics PWD5T60TR Datasheet HTML 3Page - STMicroelectronics PWD5T60TR Datasheet HTML 4Page - STMicroelectronics PWD5T60TR Datasheet HTML 5Page - STMicroelectronics PWD5T60TR Datasheet HTML 6Page - STMicroelectronics PWD5T60TR Datasheet HTML 7Page - STMicroelectronics PWD5T60TR Datasheet HTML 8Page - STMicroelectronics PWD5T60TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
2
Pin description and connection diagram
Figure 2. PWD5T60 pin connection
1
2 3
4
5 6
7 8
9
10
11
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
27
28
29
30
31
32
33
34
35
36
EPAD5
EPAD4
EPAD3
38
37
EPAD1
EPAD2
Table 1. Pin description
Pin #
Pin Name
Type
Function
1
HIN3
Logic input
High-side driver logic input 3
2
LIN1
Logic input
Low-side driver logic input 1
3
LIN2
Logic input
Low-side driver logic input 2
4
LIN3
Logic input
Low-side driver logic input 3
5
FAULT
Open-drain output Fault output
6
CIN
Analog input
Comparator positive input
7
EN
Logic input
Enable input, active high
8
OD
Open-drain output SmartSD timing open-drain output, unlatch and restart input
9, EPAD5
GND
Power supply
Ground for gate driver IC and low-side gate drive return
10, 11, 30 (1), 37, EPAD4
OUT1
Power
Half-bridge 1 output
12, 13
SENSE1
Power
Half-bridge 1 sense (low-side MOSFET source)
14, 15
SENSE2
Power
Half-bridge 2 sense (low-side MOSFET source)
16, 17, 38, EPAD3
OUT2
Power
Half-bridge 2 output
18, 19, EPAD2
OUT3
Power
Half-bridge 3 output
20, 21
SENSE3
Power
Half-bridge 3 sense (low-side MOSFET source)
22-29, EPAD1
Supply
Power supply
High voltage supply (high-side MOSFET drain)
31
BOOT1
Power supply
Bootstrap supply voltage 1
32
BOOT2
Power supply
Bootstrap supply voltage 2
33
BOOT3
Power supply
Bootstrap supply voltage 3
34
VCC
Power supply
Driver low side and logic supply voltage
35
HIN1
Logic input
High-side driver logic input 1
36
HIN2
Logic input
High-side driver logic input 2
1. Internally connected. Use for bootstrap capacitor connection only.
PWD5T60
Pin description and connection
diagram
DS14558 - Rev 2
page 3/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com