Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT-SFSF-UB-R Datasheet(PDF) 1 Page - Eravant

Part # SCT-SFSF-UB-R
Description  SMA (F) to SMA (F) Coaxial Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SCT-SFSF-UB-R Datasheet(HTML) 1 Page - Eravant

  SCT-SFSF-UB-R Datasheet HTML 1Page - Eravant SCT-SFSF-UB-R Datasheet HTML 2Page - Eravant SCT-SFSF-UB-R Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCT-SFSF-UB-R
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Rev 1.0
SMA (F) to SMA (F) Coaxial Adapter, Right Angle
SCT-SFSF-UB-R is a SMA female to SMA female coaxial adapter with a
right angle (90°) that covers the frequency range of DC to 26.5 GHz. This
coaxial adapter offers efficient transitioning between the coaxial
connectors with a high return loss and typical insertion loss of 0.3 dB.
The impedance of the adapter is 50 Ohms. Other configurations are
available under different model numbers.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
DC
26.5 GHz
Insertion Loss
0.3 dB
Return Loss
25 dB
Impedance
50
Specification Temperature
+25 °C
Operating Temperature
-40 °C
+85 °C
Item
Specification
Connector 1 Type
SMA Female
Connector 2 Type
SMA Female
Body Material
Stainless Steel
Body Finish
Passivated
Contact Material
Beryllium Copper
Insulator Material
PTFE/PEI
Adaptor Body Style
Right Angle
Weight
0.2 Oz
Length
0.63” x 0.63”
Outline
CT-SFSF-R-LN1
ECCN
EAR99
FEATURES
•
Instrumentation Grade
•
High Return Loss
• Low Insertion Loss
APPLICATIONS
•
Test Lab
•
Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SCT-SFSF-UB-R

ManufacturerPart #DatasheetDescription
logo
Eravant
SCT-SFSF-UB-B ERAVANT-SCT-SFSF-UB-B Datasheet
474Kb / 3P
SMA (F) to SMA (F) Coaxial Adapter, Bulkhead
Rev 1.0
SCT-SFSF-UB-B-V ERAVANT-SCT-SFSF-UB-B-V Datasheet
468Kb / 3P
SMA (F) to SMA (F) Hermetically Sealed Coaxial Adapter, Bulkhead
Rev 1.0
SCT-SFSF-UB-PM4 ERAVANT-SCT-SFSF-UB-PM4 Datasheet
483Kb / 3P
SMA (F) to SMA (F) Coaxial Adapter, 4 Hole Panel Mount
Rev 1.0
More results

Similar Description - SCT-SFSF-UB-R

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50 MINI-SF-SF50 Datasheet
49Kb / 1P
Adapter, SMA-F to SMA-F 50W DC to 18 GHz
SF-SF50+ MINI-SF-SF50+ Datasheet
132Kb / 1P
Coaxial Adapter, SMA-F to SMA-F
SM-BF50+ MINI-SM-BF50+ Datasheet
102Kb / 1P
Coaxial Adapter, SMA-M to BNC-F
logo
Winchester Electronics ...
TRU-11256 WINCHESTER-TRU-11256 Datasheet
56Kb / 1P
CONNECTOR, COAXIAL 2.4mm(m) to SMA(f) ADAPTER
logo
Mini-Circuits
SF-SMRP50 MINI-SF-SMRP50 Datasheet
215Kb / 2P
Adapter SMA-F to SMA-MRP
SMPF-SF50 MINI-SMPF-SF50 Datasheet
204Kb / 2P
Adapter SMP-F to SMA-F
SMPF-SM50 MINI-SMPF-SM50 Datasheet
206Kb / 2P
Adapter SMP-F to SMA-M
SF-SFRP50 MINI-SF-SFRP50 Datasheet
325Kb / 2P
Adapter SMA-F to SMA-FRP
logo
PHOENIX CONTACT
2884541 PHOENIX-2884541 Datasheet
231Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/F
logo
Amphenol SV Microwave
1129-6279 SVMICROWAVE-1129-6279 Datasheet
75Kb / 1P
SMA F TO SMA F STR. ADAPTER
04/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com