Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0480CF01977S Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # SF0480CF01977S
Description  480.0 MHz Filter for Satellite / DVB Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0480CF01977S Datasheet(HTML) 1 Page - Integrated Circuit Systems

  SF0480CF01977S Datasheet HTML 1Page - Integrated Circuit Systems SF0480CF01977S Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
480.0 MHz Filter
for Satellite / DVB Applications
Part Number SF0480CF01977S
Micro Networks, 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
TYPICAL PERFORMANCE
Horizontal: 20.0 MHz/div
Vertical (from top): Magnitude
10 dB/div
Magnitude
1 dB/div
Group Delay
50 ns./div
SPECIFICATION
Parameter
Min.
Typ.
Max.
Units.
Center Frequency (Fc)
1
479.0
480.0
481.0
MHz
Insertion Loss(@ Fc )
24
26
dB
1 dB Bandwidth
2
70.0
74.0
MHz
36 dB Bandwidth
2
84.0
87
MHz
Rejection: 10 - 436.5 & 523.5 - 650 MHz
36
40
MHz
Passband Amplitude ripple( Fc+/- 35 MHz)
0.6
1.0
dB
Passband GD ripple ( FC +/- 35 MHz)
3
15
40
nsec.
Absolute delay
0.4
µsec
Source and Load impedance
50
Ω
Operating temperature
25
° C
Temp. coefficient of Frequency
-72
ppm /
° C
Substrate Material
Lithium Niobate
Matching network
None
Notes:
1 : Mean of the 3 dB points.
2 : With respect to Fc
3: Measured using smoothing aperture of 1% of the swept bandwidth.
Rev 4.0 29-Sep-04
Page 1 of 2


Similar Part No. - SF0480CF01977S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0480CF01977S SPECTRUM-SF0480CF01977S Datasheet
164Kb / 2P
480.0 MHz Filter for Satellite / DVB Applications
logo
API Technologies Corp
SF0480CF01977S APITECH-SF0480CF01977S Datasheet
164Kb / 2P
480.0 MHz Filter for Satellite / DVB Applications
More results

Similar Description - SF0480CF01977S

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
SATELLITE RECEIVER FOR DVB-S/DSS
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
DVB-S2 Advanced Modulation Satellite Tuner
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
DVB-S Satellite Demodulator
logo
Faraday Technology
FB1517 FARADAY-FB1517 Datasheet
27Kb / 2P
36.15 MHZ DVB(T) IF FILTER
FB1518 FARADAY-FB1518 Datasheet
24Kb / 2P
70 MHz DVB(T) IF FILTER
logo
Spectrum Microwave, Inc...
SF0480CF01977S SPECTRUM-SF0480CF01977S Datasheet
164Kb / 2P
480.0 MHz Filter for Satellite / DVB Applications
logo
API Technologies Corp
SF0480CF01977S APITECH-SF0480CF01977S Datasheet
164Kb / 2P
480.0 MHz Filter for Satellite / DVB Applications
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
DVB-S Satellite Demodulator
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
DVB-S/S2 Satellite TV Demodulator
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
DVB-S/S2 Satellite TV Demodulator
November 17, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com