Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV1A-FKB Datasheet(PDF) 4 Page - Cree LED

Part # CLV1A-FKB
Description  CLV1A-FKB: PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLV1A-FKB Datasheet(HTML) 4 Page - Cree LED

  CLV1A-FKB Datasheet HTML 1Page - Cree LED CLV1A-FKB Datasheet HTML 2Page - Cree LED CLV1A-FKB Datasheet HTML 3Page - Cree LED CLV1A-FKB Datasheet HTML 4Page - Cree LED CLV1A-FKB Datasheet HTML 5Page - Cree LED CLV1A-FKB Datasheet HTML 6Page - Cree LED CLV1A-FKB Datasheet HTML 7Page - Cree LED CLV1A-FKB Datasheet HTML 8Page - Cree LED CLV1A-FKB Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CLV1A-FKB: PLCC4 3 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT874
REV 13
4
ORDER CODE TABLE
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Package
Min.
Max.
Color
Bin
Min.(nm)
Color
Bin
Max.
(nm)
CLV1A-FKB-CkmqrNRFHBB79353
Red
505
1010
RB
619
RB
624
Reel
Green
900
2240
G7
520
G9
535
Reel
Blue
224
450
B3
460
B5
475
Reel
CLV1A-FKB-Ckm1P1F1BB7C3C3
Red
Any 1 Intensity bin from
km(505) - qr(1010)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from
P(1120) - R(2240)
Any 1 hue bin from G7(520)-G9(535)
Reel
Blue
Any 1 Intensity bin from
F(224) - H(450)
Any 1 hue bin from B3(460)-B5(475)
Reel
CLV1A-FKB-CK1vw1de1BB7C3C3
Red
Any 1 Intensity bin from
K(560) - qr(1010)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from
vw(1260) - R(2240)
Any 1 hue bin from G7(520)-G9(535)
Reel
Blue
Any 1 Intensity bin from
de(252) - H(450)
Any 1 hue bin from B3(460)-B5(475)
Reel
Notes:
•
The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin
code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable.
•
Please refer to the HB LED Lamp Reliability Test Standards document for reliability test conditions.
•
Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com