Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC55PAS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC55PAS
Description  60 V, 1 A NPN medium power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC55PAS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC55PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC55PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BC55xPAS series
60 V, 1 A NPN medium power transistors
9 October 2024
Product data sheet
1. General description
NPN medium power transistor series encapsulated in an ultra thin DFN2020D-3 (SOT1061D)
leadless small Surface-Mounted Device (SMD) plastic package with medium power capability and
visible and solderable side pads.
2. Features and benefits
• High collector current capability IC and ICM
• Reduced Printed-Circuit Board (PCB) area requirements
• Exposed heat sink for excellent thermal and electrical conductivity
• Two current gain selections
• Leadless very small SMD plastic package with medium power capability
• Suitable for Automatic Optical Inspection (AOI) of solder joint
3. Applications
• Linear voltage regulators
• Battery driven devices
• MOSFET drivers
• High-side switches
• Power management
• Amplifiers
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
60
V
IC
collector current
-
-
1
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-
2
A
DC current gain
BC55PAS
[1]
63
-
250
BC55-10PAS
[1]
63
-
160
hFE
BC55-16PAS
VCE = 2 V; IC = 150 mA; Tamb = 25 °C
[1]
100
-
250
[1] pulsed; tp ≤ 300 µs; δ ≤ 0.02


Similar Part No. - BC55PAS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC55PAS NEXPERIA-BC55PAS Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
BC55PAS NEXPERIA-BC55PAS Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
More results

Similar Description - BC55PAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC637 NXP-BC637 Datasheet
161Kb / 15P
60 V, 1 A NPN medium power transistors
Rev. 07-25 June 2007
BCP52 PHILIPS-BCP52_15 Datasheet
1Mb / 22P
60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
BCP55 PHILIPS-BCP55_15 Datasheet
1Mb / 22P
60 V, 1 A NPN medium power transistors
Rev. 8-24 October 2011
logo
Nexperia B.V. All right...
BC55PA_SER NEXPERIA-BC55PA_SER Datasheet
250Kb / 12P
60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
BCP55-Q_SER NEXPERIA-BCP55-Q_SER Datasheet
247Kb / 12P
60 V, 1 A NPN medium power transistors
Rev. 2 - 1 July 2022
BCP55 NEXPERIA-BCP55 Datasheet
1Mb / 22P
60 V, 1 A NPN medium power transistors
Rev. 8 - 24 October 2011
BCP55T_SER NEXPERIA-BCP55T_SER Datasheet
274Kb / 14P
60 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BCP55_SER NEXPERIA-BCP55_SER Datasheet
247Kb / 12P
60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
BCX55-Q_SER NEXPERIA-BCX55-Q_SER Datasheet
228Kb / 12P
60 V, 1 A NPN medium power transistors
Rev. 1 - 14 July 2022
BCX55_SER NEXPERIA-BCX55_SER Datasheet
241Kb / 12P
60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com