Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK4119LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK4119LS
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK4119LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK4119LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK4119LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK4119LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK4119LS Datasheet HTML 4Page - Sanyo Semicon Device 2SK4119LS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK4119LS
No. A0830-2/5
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=10mA, VGS=0V
400
V
Zero-Gate Voltage Drain Current
IDSS
VDS=320V, VGS=0V
100
µA
Gate-to-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
±100
nA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
3
5
V
Forward Transfer Admittance
yfs
VDS=10V, ID=10.5A
5
10
S
Static Drain-to-Source On-State Resistance
RDS(on)
ID=10.5A, VGS=10V
0.2
0.26
Ω
Input Capacitance
Ciss
VDS=30V, f=1MHz
1200
pF
Output Capacitance
Coss
VDS=30V, f=1MHz
310
pF
Reverse Transfer Capacitance
Crss
VDS=30V, f=1MHz
65
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
30
ns
Rise Time
tr
See specified Test Circuit.
115
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
131
ns
Fall Time
tf
See specified Test Circuit.
57
ns
Total Gate Charge
Qg
VDS=200V, VGS=10V, ID=21A
47.8
nC
Gate-to-Source Charge
Qgs
VDS=200V, VGS=10V, ID=21A
7.4
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=200V, VGS=10V, ID=21A
29.4
nC
Diode Forward Voltage
VSD
IS=21A, VGS=0V
0.9
1.2
V
Package Dimensions
unit : mm (typ)
7509-002
Switching Time Test Circuit
Avalanche Resistance Test Circuit
0.7
2.55
2.55
1.2
0.9
0.75
1.2
4.5
2.8
12 3
10.0
3.2
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220FI(LS)
PW=10µs
D.C.≤0.5%
P.G
RGS=50Ω
G
S
D
ID=10.5A
RL=19Ω
VDD=200V
VOUT
2SK4119LS
VIN
10V
0V
VIN
50Ω
≥50Ω
RG
VDD
L
10V
0V
2SK4119LS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com