Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT10 Datasheet(PDF) 1 Page - Same Sky Devices

Part # AMT10
Description  MODULAR INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT10 Datasheet(HTML) 1 Page - Same Sky Devices

  AMT10 Datasheet HTML 1Page - Same Sky Devices AMT10 Datasheet HTML 2Page - Same Sky Devices AMT10 Datasheet HTML 3Page - Same Sky Devices AMT10 Datasheet HTML 4Page - Same Sky Devices AMT10 Datasheet HTML 5Page - Same Sky Devices AMT10 Datasheet HTML 6Page - Same Sky Devices AMT10 Datasheet HTML 7Page - Same Sky Devices AMT10 Datasheet HTML 8Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
date 09/12/2024
page 1 of 8
SERIES: AMT10 | DESCRIPTION: MODULAR INCREMENTAL ENCODER
sameskydevices.com
FEATURES
• patented capacitive ASIC technology
• low power consumption
• CMOS outputs
• 16 DIP switch selectable resolutions
• index pulse
• modular package design
• straight (radial) and right-angle (axial) versions
• 9 mounting hole options for radial version
• 8 mounting hole options for axial version
• -40~100°C operating temperature
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
3.6
5
5.5
V
current consumption
with unloaded output
6
mA
output high level
VDD-0.8
V
output low level
0.4
V
output current
CMOS sink/source per channel
2
mA
rise/fall time
30
ns
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
quadrature A, B, and X index
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
90
degrees
quadrature resolutions1
48, 96, 100, 125, 192, 200, 250, 256, 384, 400, 500,
512, 800, 1000, 1024, 2048
PPR
index2
one pulse per 360 degree rotation
accuracy
0.25
degrees
quadrature duty cycle (at each
resolution)
256, 512, 1024, 2048
48, 96, 100, 125, 192, 200, 250, 384, 400, 500
800, 1000
49
47
43
50
50
50
51
53
56
%
%
%
Notes:
1. Resolution selected via adjustable DIP switch, pre-set to 2048 PPR. All resolutions are listed as pre-quadrature, meaning the final number of counts is PPR x 4.
2. Some stepper motors may leak a magnetic field causing the AMT index pulse to not function properly (non-magnetic version available with 8 pulses per revolution).
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | 3D Model


Similar Part No. - AMT10

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT10 CUI-AMT10 Datasheet
907Kb / 8P
MODULAR INCREMENTAL ENCODER
AMT10 CUI-AMT10 Datasheet
948Kb / 8P
MODULAR INCREMENTAL ENCODER
08/04/2021
logo
CUI Devices
AMT10 CUID-AMT10 Datasheet
869Kb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
logo
CUI INC
AMT102 CUI-AMT102 Datasheet
659Kb / 8P
INCREMENTAL ENCODER
AMT102-0048-I2000-S CUI-AMT102-0048-I2000-S Datasheet
617Kb / 8P
MODULAR ENCODER
More results

Similar Description - AMT10

ManufacturerPart #DatasheetDescription
logo
CUI INC
LME CUI-LME Datasheet
874Kb / 5P
modular incremental encoder
AMT12 CUI-AMT12 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
MODULAR INCREMENTAL ENCODER
11/18/2021
AMT11 CUI-AMT11_V01 Datasheet
733Kb / 9P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT13 CUI-AMT13_V01 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
MODULAR INCREMENTAL ENCODER
08/04/2021
AMT12 CUI-AMT12_V01 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
09/10/2021
logo
CUI Devices
AMT10 CUID-AMT10 Datasheet
869Kb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT11 CUID-AMT11 Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT13 CUID-AMT13 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com