Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR18 Datasheet(PDF) 4 Page - Same Sky Devices

Part # PR18
Description  POWER RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PR18 Datasheet(HTML) 4 Page - Same Sky Devices

  PR18 Datasheet HTML 1Page - Same Sky Devices PR18 Datasheet HTML 2Page - Same Sky Devices PR18 Datasheet HTML 3Page - Same Sky Devices PR18 Datasheet HTML 4Page - Same Sky Devices PR18 Datasheet HTML 5Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAME SKY | SERIES: PR18 | DESCRIPTION: POWER RELAY
date 09/12/2024 | page 4 of 5
sameskydevices.com
CHARACTERISTIC CURVES
12
8
4
0
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
100
50
30
10
5
02
46
81012
10
5
1
0203050
100
200
300
40
Coil Power (W)
Operate
Release
Coil Power (W)
Contact Current (A)
120VAC Resistive
250VAC Resistive
Contact Voltage (V)
DC Resistive
AC Resistive
Time Curve
Coil Temperature Rise
Life Curve
Maximum Switching Power
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com