Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1802 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1802
Description  Evaluation Kit for Digital Still Cameras
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1802 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1802_1 Datasheet HTML 1Page - Maxim Integrated Products MAX1802_1 Datasheet HTML 2Page - Maxim Integrated Products MAX1802_1 Datasheet HTML 3Page - Maxim Integrated Products MAX1802_1 Datasheet HTML 4Page - Maxim Integrated Products MAX1802_1 Datasheet HTML 5Page - Maxim Integrated Products MAX1802_1 Datasheet HTML 6Page - Maxim Integrated Products MAX1802_1 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAX1802 Evaluation Kit for
Digital Still Cameras
2
_______________________________________________________________________________________
Recommended Equipment
•
+3.3V to +11V battery or power supply
•
Digital voltmeter (DVM)
Quick Start
1) Make sure jumpers JU1–JU6 are connected in the
ON position. This ensures all converters will turn on
at power-up.
2) Before loading any output, check the output voltage
and output current capability shown in Table 1.
3) Make sure jumpers JU7–JU12 are connected if no
external loads are attached to the OUT1A, OUT1B,
OUT1C, OUT2A, OUT2B, and OUT2C outputs.
4) Attach a +3.3V to +7V battery or power supply to
IN.
5) Using the DVM, measure the voltage at MAIN,
CORE, OUT1_, OUT2_, OUT3, and OUT4.
Detailed Description
MAIN Output
The main output (MAIN) powers the core supply of the
MAX1802. MAIN must be regulated before any of the
other outputs function.
To enable MAIN, place jumper JU4 to the ON position.
Apply +3.3V to +11V between IN and GND. The voltage
between MAIN and GND should be approximately +3.3V.
If IN is less than +3.3V, MAIN will not be regulated.
CORE Output
The core output (CORE) is powered from MAIN and reg-
ulated at +1.8V using a synchronous-rectified step-down
converter. Drawing more than 200mA out of CORE
reduces the current capability at MAIN.
To enable CORE, place jumper JU5 to the ON position.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
D7, D8
2
Schottky diodes (SOD123)
Motorola MBR0520L or
Fairchild Semiconductor MBR0520L
D9
1
Schottky diode (S-FLAT)
Toshiba CRS05 (not installed)
JU1–JU6
6
3-pin headers
JU7–JU12
6
2-pin headers
L1
1
4.7
µH inductor
Sumida CR43-4R7
L2, L4
2
10
µH inductors
Sumida CDRH6D28-100
L3
1
3.3
µH inductor
Sumida CR43-3R3
Q1, Q2, Q3, Q5
4
N-channel MOSFETs (SuperSOT-3)
Fairchild Semiconductor FDN337N
Q4
1
P-channel MOSFET (SO-8)
Vishay/Siliconix SI9803DY
Q6
1
N-channel MOSFET (SuperSOT-3)
Fairchild Semiconductor FDN359AN
R1
1
40.2k
Ω ±1% resistor (0603)
R2
1
866k
Ω ±1% resistor (0603)
R3, R19, R20,
R22, R24, R28
6
100k
Ω ±1% resistors (0603)
R4, R13, R14,
R15
4
10k
Ω ±5% resistors (0402)
R5, R6, R26,
R27, R30, R31
6
Open (0402), not installed
R7
1
Short (0603), not installed,
shorted in the PC board layout
R8–R12
5
Open (0603), not installed
R16
1
33k
Ω ±5% resistor (0603)
R17
1
91k
Ω ±5% resistor (0603)
R18
1
464k
Ω ±1% resistor (0603)
R21
1
44.2k
Ω ±1% resistor (0603)
R23
1
165k
Ω ±1% resistor (0603)
R25, R29
2
301k
Ω ±1% resistors (0603)
R32, R33, R37,
R38, R41, R42
6
3k
Ω ±5% resistors (1206)
R34, R35, R39, R40
4
200
Ω ±5% resistors (1206)
R36
1
750
Ω ±5% resistor (1206)
DESIGNATION
QTY
DESCRIPTION
T1
1
Sumida transformer
CLQ72-type package
Sample number: 6333-T334
T2
1
Sumida transformer
CLQ72-type package
Sample number: 6333-T333
U1
1
MAX1802EHJ (32-pin TQFP)
U2
1
MAX1801EKA (8-pin SOT23)
None
12
Shunts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com