Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET1 Datasheet(PDF) 4 Page - Power-One

Part # NET1
Description  AC-DC Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NET1 Datasheet(HTML) 4 Page - Power-One

  NET1_05 Datasheet HTML 1Page - Power-One NET1_05 Datasheet HTML 2Page - Power-One NET1_05 Datasheet HTML 3Page - Power-One NET1_05 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NET1 AC-DC Series Data Sheet
MAY 18, 2005 revised to APR 05, 2006
Page 4 of 4
www.power-one.com
J501 Housing
50-37-5093
Pins
08-70-1039
J701 Housing
50-37-5093
Pins
08-70-1039
J801 Housing
50-37-5093
Pins
08-70-1039
BOTTOM VIEW
SIDE
VIEW
TERMINAL END,
TOP VIEW
X
Z
ZA
Y
P
V
E
D
R
U
T
S
P
V4
V3
- +
V1
- +
N
M
L
A
B
K
J
C
H
G
F
W
USER MOUNTING POINTS, 4PL
M4x0.7 FLUSH NUT
MAXIMUM PENETRATION 0.15"
THROUGH POWER SUPPLY
MOUNTING SURFACE
PROVIDE CLEARANCE
FOR AIR EXHAUST
FROM THESE AIR VENTS,
BOTH SIDES.
8-32 THREADED
INSERT AND
PHILLIPS SCREW 4PL
BOTTOM
(MOUNTING SURFACE)
AIR
FLOW
4PL
2PL
2PL
POS
3PL
POS
3PL
NEG
3PL
NEG
3PL
0.000
0.000
0.000
HIGH CURRENT OUTPUTS:
8-32 SCREW CONNECTIONS, 4PL
OR 0.250" BY 0.032"
QUICK DISCONNECTS, 3PL
OR WICKMANN CONNECTORS
(9100070000 AND 9100080000),
2 EA OR EQUIVALENT.
TERMINAL END,
FRONT VIEW
Q
0.000
0.000
0.000
(4 PL)
SCREW TERMINAL
(MOUNTING SURFACE)
BOTTOM
V2
(J1 AC INPUT)
J1
G
N
L
AC INPUT END
PN: MOLEX 09-74-1051M #26
1
J801
9
1
J501
9
1
J701
9
Vo3 +R.S.
Vo3 -R.S.
Vo3 C.Shr
Vo3
Vo3
Vo3
Vo3 RTN
Vo3 RTN
Vo3 RTN
Vo2 +R.S.
Vo2 -R.S.
Vo2 C.Shr
Vo2
Vo2
Vo2
Vo2 RTN
Vo2 RTN
Vo2 RTN
Vo1 +R.S.
Vo1 -R.S.
Vo4 +R.S.
Vo4 -R.S.
Vo1 C.Shr
Vo4 C.Shr
POWER FAIL
POWER GOOD
INHIBIT
OVERALL SIZE: 7.00" (177.8mm) x 4.50" (114.3mm) x 1.35" (34.3mm)
WEIGHT: 1.9 lb (0.86 kg)
TOLERANCES:
.XX = 0.03" (0.8mm)
Callout
Inches
Millimeters
Callout
Inches
Millimeters
A
4.006
101.75
N
4.26
108.2
B
3.445
87.50
P
4.500
114.30
C
1.006
25.55
Q
1.14
29.0
D
0.445
11.30
R
0.211
5.36
E
0.502
12.75
S
1.350
34.29
F
0.23
5.8
T
1.125
28.58
G
0.56
14.2
U
0.906
23.01
H
0.93
23.6
V
0.536
13.61
J
1.26
32.0
W
7.000
177.8
K
3.23
82.0
X
6.500
165.10
L
3.56
90.4
Y
0.250
6.35
M
3.93
99.8
Z
ZA
3.750
0.400
10.20
95.25
NET1 Connectors
Note: Part numbers are MOLEX;
equivalents are acceptable.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com