Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET1-4230 Datasheet(PDF) 2 Page - Power-One

Part # NET1-4230
Description  AC-DC Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NET1-4230 Datasheet(HTML) 2 Page - Power-One

  NET1-4230 Datasheet HTML 1Page - Power-One NET1-4230 Datasheet HTML 2Page - Power-One NET1-4230 Datasheet HTML 3Page - Power-One NET1-4230 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NET1 AC-DC Series Data Sheet
MAY 18, 2005 revised to APR 05, 2006
Page 2 of 4
www.power-one.com
Input Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
TYP
MAX
UNITS
Input Voltage - AC
Continuous input range.
85
264
VAC
Input Frequency
AC input.
47
63
Hz
Hold-up Time
After last AC line peak at 240 watts.
20
ms
Input Current
85 VAC at full rated load.
4.0
ARMS
Input Protection
Non-user serviceable internally located AC input line fuse.
Inrush Surge Current
Internally limited by thermistor. Vin = 220 VAC, one cycle, 25 °C.
35
APK
Power Factor
Per EN61000-3-2.
0.95
W/VA
Output Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
TYP
MAX
UNITS
Efficiency
Full Rated Load, 110 VAC. Varies with distribution of loads among outputs.
75
%
Ripple and Noise
Full load, 20 MHz bandwidth.
See Model Selection Charts
Output Power
With 300 LFM forced air cooling. (Note 1)
240
Watts
Overshoot / Undershoot
Output voltage overshoot/undershoot at turn-on.
0
%
Regulation
Varies by output. Total regulation includes: line changes over the specified.
See Model Selection Charts
input range, changes in load starting at 20% load and changing to 100% load.
Transient Response
Recovery time, to within 1% of initial set point due to a 10-100% load change,
500
µs
1% max. deviation.
Turn-on Delay
Time required for initial output voltage stabilization.
2
Sec
Turn-on Rise Time
Time required for output voltage to rise from 10% to 90%.
20
ms
Interface Signals and Internal Protection
PARAMETER
CONDITIONS/DESCRIPTION
MIN
TYP
MAX
UNITS
Overvoltage Protection
Overvoltage protection on all outputs.
120
140
%
Unit latches off when overvoltage is detected.
AC input must be recycled to reset.
Overload Protection
Fully protected against output overload and short circuit. Automatic recovery upon
removal of overload condition. All outputs are individually current limited.
Overtemperature Protection
System shutdown due to excessive internal temperature, automatic reset.
Output Good
Signal indicates output good when at a TTL high state. If any of the outputs are
<14% or >14% of the nominal output voltage, then this signal will make a
transition to a TTL low state. Pull-up resistance is 1k
to 5V Vcc and minimum
sink current is 50 mA. Maximum voltage at low state is 0.5 V.
Input Power Fail Warning
TTL-compatible signal. Pull-up resistance is 1k
to 5V Vcc and minimum
sink current is 50 mA. Maximum voltage at low state is 0.5 V. Time before regulation
5
ms
dropout due to loss of input power. May be used as independent PSOK signal
in redundant applications.
Current Share
Available on all outputs. Accuracy of shared current with up to 6 parallel units.
10
%
Single wire current share. Isolation diodes need to be added for parallel configurations
with or without redundancy.
Remote Sense
Available on all outputs. Total voltage compensation for cable losses with
500
mV
respect to the main output.
NOTES: 1) Output current ratings are expressed with 300 LFM forced air @ 18 CFM.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com