Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET1-4112 Datasheet(PDF) 3 Page - Power-One

Part # NET1-4112
Description  AC-DC Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NET1-4112 Datasheet(HTML) 3 Page - Power-One

  NET1-4112 Datasheet HTML 1Page - Power-One NET1-4112 Datasheet HTML 2Page - Power-One NET1-4112 Datasheet HTML 3Page - Power-One NET1-4112 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NET1 AC-DC Series Data Sheet
MAY 18, 2005 revised to APR 05, 2006
Page 3 of 4
www.power-one.com
Safety, Regulatory, and EMI Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
TYP
MAX
UNITS
Agency Approvals
UL60950.
CSA 22.2 NO. 60950-00 (cUL).
Approved
EN60950 (TÜV).
Dielectric Withstand Voltage
Input to output per EN60950.
2600
VDC
Electromagnetic Interference
FCC CFR title 47 Part 15 Sub-Part B - Conducted.
B
Class
EN55022 / CISPR 22 Conducted.
B
ESD Susceptibility
Per EN61000-4-2, level 4.
8
kV
Radiated Susceptibility
Per EN61000-4-3, level 3.
10
V/M
EFT/Burst
Per EN61000-4-4, level 3.
±2
kV
Input Transient Protection
Per EN61000-4-5, class 3.
Line to Line
1
kV
Line to Ground
2
Insulation Resistance
Input to output.
10
M
Environmental Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
TYP
MAX
UNITS
Altitude
Operating.
10k
ASL Ft.
Non-Operating.
40k
ASL Ft.
Operating Temperature
At 100% load
0
50
°C
Storage Temperature
-40
85
°C
Temperature Coefficient
0 °C to 70 °C (after 15-minute warmup).
±0.02
±0.05
%/°C
Relative Humidity
Non-Condensing.
5
95
%RH
Shock
Peak acceleration.
20
GPK
Vibration
Random vibration, 10 Hz to 2 kHz, 3 axis.
6
GRMS
Mechanical
DESCRIPTION
NOTES
SIZE IMPACT
Metric Mounting
M4 x 0.7 mounting inserts: 2 mounting surfaces
Size
7.00" x 4.50" x 1.35"
(177.8mm x 114.3mm x 34.3mm)
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical components
in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective
divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com