Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-DSZ Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS8416-DSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-DSZ Datasheet(HTML) 2 Page - Cirrus Logic

  CS8416-DSZ Datasheet HTML 1Page - Cirrus Logic CS8416-DSZ Datasheet HTML 2Page - Cirrus Logic CS8416-DSZ Datasheet HTML 3Page - Cirrus Logic CS8416-DSZ Datasheet HTML 4Page - Cirrus Logic CS8416-DSZ Datasheet HTML 5Page - Cirrus Logic CS8416-DSZ Datasheet HTML 6Page - Cirrus Logic CS8416-DSZ Datasheet HTML 7Page - Cirrus Logic CS8416-DSZ Datasheet HTML 8Page - Cirrus Logic CS8416-DSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
DS578F3
CS8416
General Description
The CS8416 is a monolithic CMOS device that receives and decodes one of eight stereo pairs of digital audio data
according to the IEC60958, S/PDIF, EIAJ CP1201, or AES3 interface standards. The CS8416 has a serial digital
audio output port and comprehensive control ability through a selectable control port in Software Mode or through
selectable pins in Hardware Mode. Channel status data are assembled in buffers, making read access easy. GPO
pins may be assigned to route a variety of signals to output pins.
A low-jitter clock recovery mechanism yields a very clean recovered clock from the incoming AES3 stream.
Stand-alone operation allows systems with no microcontroller to operate the CS8416 with dedicated output pins for
channel status data.
The CS8416 is available in 28-pin TSSOP, SOIC, and QFN packages in Commercial grade (-10° to +70° C) and
Automotive grade (-40° to +85° C). The CDB8416 Customer Demonstration board is also available for device eval-
uation and implementation suggestions. Please refer to “Ordering Information” on page 59 for complete ordering
information.
Target applications include A/V receivers, CD-R, DVD receivers, multimedia speakers, digital mixing consoles, ef-
fects processors, set-top boxes, and computer and automotive audio systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com