Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 28Page - Cirrus Logic CS8420 Datasheet HTML 29Page - Cirrus Logic CS8420 Datasheet HTML 30Page - Cirrus Logic CS8420 Datasheet HTML 31Page - Cirrus Logic CS8420 Datasheet HTML 32Page - Cirrus Logic CS8420 Datasheet HTML 33Page - Cirrus Logic CS8420 Datasheet HTML 34Page - Cirrus Logic CS8420 Datasheet HTML 35Page - Cirrus Logic CS8420 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
32
DS245F4
CS8420
10. CONTROL PORT REGISTER BIT DEFINITIONS
10.1
Memory Address Pointer (MAP)
This register defaults to 01
INCR
Auto-Increment Address Control Bit
0 -
Auto-increment address off
1 -
Auto-increment address on
MAP6-MAP0
Register address and function list
0 -
Reserved
1 -
Misc. Control 1
2 -
Misc. Control 2
3 -
Data Flow Control
4 -
Clock Source Control
5 -
Serial Audio Input Port Data Format
6 -
Serial Audio Output Port Data Format
7 -
Interrupt Register 1 Status
8 -
Interrupt Register 2 Status
9 -
Interrupt Register 1 Mask
10 -
Interrupt Register1 Mode (MSB)
11 -
Interrupt Register 1 Mode (LSB)
12 -
Interrupt Register 2 Mask
13 -
Interrupt Register 2 Mode (MSB)
14 -
Interrupt Register 2 Mode (LSB)
15 -
Receiver Channel Status Bits
16 -
Receiver Error Status
17 -
Receiver Error Mask
18 -
Channel Status Data Buffer Control
19 -
User Data Buffer Control
20 to 29 -
Q-channel Subcode Bytes 0 to 9
30 -
Sample Rate Ratio
31 -
Reserved
32 to 55 -
C-bit or U-bit Data Buffer
56 to 126 - Reserved
127 -
Chip ID and version register
Reserved registers must not be written to during normal operation. Some reserved registers are used for
test modes, which can completely alter the normal operation of the CS8420.
7
6
5
4
32
10
INCR
MAP6
MAP5
MAP4
MAP3
MAP2
MAP1
MAP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com