Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8421 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS8421
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS8421 Datasheet HTML 30Page - Cirrus Logic CS8421 Datasheet HTML 31Page - Cirrus Logic CS8421 Datasheet HTML 32Page - Cirrus Logic CS8421 Datasheet HTML 33Page - Cirrus Logic CS8421 Datasheet HTML 34Page - Cirrus Logic CS8421 Datasheet HTML 35Page - Cirrus Logic CS8421 Datasheet HTML 36Page - Cirrus Logic CS8421 Datasheet HTML 37Page - Cirrus Logic CS8421 Datasheet HTML 38Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
36
DS641F1
CS8421
7. ORDERING INFORMATION
8. REVISION HISTORY
Release
Changes
A1
Initial Advance Release
PP1
-Updated “Features” on page 1.
-Updated “Sample Rate with other XTI clocks” on page 11.
-Updated “DC Electrical Characteristics” on page 12.
-Updated “Digital Input Characteristics” on page 13.
-Updated “Digital Interface Specifications” on page 13
-Updated Figure 6. “Typical Connection Diagram, Master and Slave Modes” on page 16.
-Added Figure 5. “Typical Connection Diagram, No External Master Clock” on page 15.
-Corrected reference to Bypass Mode to output only data on page 17.
-Added Section 4.3.7 “Clocking” on page 22.
-Updated “Master Clock” on page 21.
-Updated “Time Division Multiplexing (TDM) Mode” on page 23.
-Added Thermal Pad label “Pin Descriptions” on page 6.
-Added Thermal Pad pin description to “QFN Pin Descriptions” on page 8.
-Updated “Performance Plots” on page 25.
PP2
-Updated “Characteristics and Specifications” on page 10.
-Corrected Section 4.3.7 “Clocking” on page 22.
-Corrected “QFN Thermal Characteristics” on page 35.
PP3
-Updated “Digital Interface Specifications” on page 13.
-Updated “Switching Specifications” on page 13.
F1
Final Release
ORDERING INFORMATION
Product
Description
Package
Pb-Free
Temp Range
Container
Order#
CS8421
32-bit Asynchronous Sample Rate
Converter
20-TSSOP
YES
-10° to +70°C
Rail
CS8421-CZZ
Tape and Reel
CS8421-CZZR
20-QFN
Rail
CS8421-CNZ
Tape and Reel
CS8421-CNZR
20-TSSOP
-40° to +85°C
Rail
CS8421-DZZ
Tape and Reel
CS8421-DZZR
CDB8421
Evaluation Board for CS8421
-
-
-
CDB8421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com