Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432-DMZ Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS42432-DMZ
Description  108 dB, 192 kHz 4-In, 6-Out TDM CODEC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432-DMZ Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS42432-DMZ Datasheet HTML 51Page - Cirrus Logic CS42432-DMZ Datasheet HTML 52Page - Cirrus Logic CS42432-DMZ Datasheet HTML 53Page - Cirrus Logic CS42432-DMZ Datasheet HTML 54Page - Cirrus Logic CS42432-DMZ Datasheet HTML 55Page - Cirrus Logic CS42432-DMZ Datasheet HTML 56Page - Cirrus Logic CS42432-DMZ Datasheet HTML 57Page - Cirrus Logic CS42432-DMZ Datasheet HTML 58Page - Cirrus Logic CS42432-DMZ Datasheet HTML 59Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
58
DS673F1
CS42432
14.ORDERING INFORMATION
15.REVISION HISTORY
Product
Description
Package
Pb-Free
Grade
Temp Range
Container
Order #
CS42432
4-in, 6-out, TDM CODEC
for Surround Sound Apps
52L-MQFP
YES
Commercial
-10° to +70° C
Rail
CS42432-CMZ
Tape & Reel CS42432-CMZR
Automotive -40° to +105° C
Rail
CS42432-DMZ
Tape & Reel CS42432-DMZR
CDB42438 CS42432 Evaluation Board
-
-
-
-
-
CDB42438
Revision
Changes
A1
Initial Release
PP1
Initial Preliminary Product (PP) Release subject to legal notice below.
Added pin numbers to
“Typical Connection Diagram (Software Mode)” on page 11 and “Typical Con-
nection Diagram (Hardware Mode)” on page 12.
Changed ADC Double-Speed Mode parameters. See Note 2 on page 13 and Note 18 on page 21.
Changed ADC Passband Ripple maximum specifications for SSM, DSM & QSM in section “Characteristics
and Specifications” beginning on page 13.
Changed DAC Frequency Response specifications for SSM, DSM & QSM in “Characteristics and Specifica-
tions” beginning on page 13.
Removed ADC Quad-Speed Mode feature. See Note 19 on page 21.
Added section “De-Emphasis Filter” on page 30.
Corrected section “TDM data is received most significant bit (MSB) first, on the second rising edge of the
SCLK occurring after a an FS rising edge. All data is valid on the rising edge of SCLK. The AIN1 MSB is
transmitted early, but is guaranteed valid for a specified time after SCLK rises. All other bits are transmitted
on the falling edge of SCLK. Each time slot is 32 bits wide, with the valid data sample left ‘justified within the
time slot. Valid data lengths are 16, 18, 20, or 24.” on page 31.
Changed AIN1-6 Volume Control range from (+12 dB to -115.5 dB) to (+24 dB to -64 dB) in register “AINX
Volume Control (AINX_VOL[7:0])” on page 45.
Removed the register “Status Control (address 18h)”. See “CLOCK ERROR (CLK ERROR)” on
page 46
and “ADC Overflow (ADCX_OVFL)” on page 46 for the Active Mode setting.
PP2
Corrected Figures 20-22.
Added “Ordering Information” on page 58.
F1
Updated temperature and voltage specifications in the “Recommended Operating Conditions” on page 13.
Added test conditions to the Analog Input and Analog Output Characteristics tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com