Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS31KFA Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PXAS31KFA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS31KFA Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PXAS31KFA Datasheet HTML 35Page - NXP Semiconductors PXAS31KFA Datasheet HTML 36Page - NXP Semiconductors PXAS31KFA Datasheet HTML 37Page - NXP Semiconductors PXAS31KFA Datasheet HTML 38Page - NXP Semiconductors PXAS31KFA Datasheet HTML 39Page - NXP Semiconductors PXAS31KFA Datasheet HTML 40Page - NXP Semiconductors PXAS31KFA Datasheet HTML 41Page - NXP Semiconductors PXAS31KFA Datasheet HTML 42Page - NXP Semiconductors PXAS31KFA Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
39
AC ELECTRICAL CHARACTERISTICS (5 V RANGE) (continued)
This set of parameters is referenced to the XA-S3 clock output.
SYMBOL
FIGURE
PARAMETER
LIMITS
UNIT
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
Address Cycle
tCHLH
26
CLKOUT rising edge to ALE rising edge
–
13
ns
tCLLL
26
CLKOUT falling edge to ALE falling edge
–
9
ns
tCHAV
26
CLKOUT rising edge to address valid
–
18
ns
tCHAX
26
CLKOUT rising edge to address changing (hold time)
2
–
ns
Code Read Cycle
tCHPL
26
CLKOUT rising edge to PSEN asserted
–
14
ns
tCHPH
26
CLKOUT rising edge to PSEN de-asserted
–
12
ns
tIVCH
26
Instruction valid to CLKOUT rising edge (setup time)
20
–
ns
tCHIX
26
CLKOUT rising edge to instruction changing (hold time)
0
–
ns
tCHIZ
26
CLKOUT rising edge to Bus 3-State (code read)
–
tC–8
ns
Data Read Cycle
tCHRL
28
CLKOUT rising edge to RD asserted
–
12
ns
tCHRH
28
CLKOUT rising edge to RD de-asserted
–
10
ns
tDVCH
28
Data valid to CLKOUT rising edge (setup time)
20
–
ns
tCHDX
28
CLKOUT rising edge to Data changing (hold time)
0
–
ns
tCHDZ
28
CLKOUT rising edge to Bus 3-State (data read)
–
tC–8
ns
Data Write Cycle
tCHWL
30
CLKOUT falling edge to WR asserted
–
12
ns
tCHWH
30
CLKOUT rising edge to WR de-asserted
–
10
ns
tQVCH
30
Data valid to CLKOUT rising edge (setup time)
4
–
ns
tCHQX
30
CLKOUT rising edge to Data changing (hold time)
0
–
ns
Wait Input
tCHWTH
31
WAIT valid prior to CLKOUT rising edge8
21
4
ns
NOTES ON PAGE 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com