Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-In, 6-Out TDM CODEC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 24Page - Cirrus Logic CS42432 Datasheet HTML 25Page - Cirrus Logic CS42432 Datasheet HTML 26Page - Cirrus Logic CS42432 Datasheet HTML 27Page - Cirrus Logic CS42432 Datasheet HTML 28Page - Cirrus Logic CS42432 Datasheet HTML 29Page - Cirrus Logic CS42432 Datasheet HTML 30Page - Cirrus Logic CS42432 Datasheet HTML 31Page - Cirrus Logic CS42432 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
28
DS673F1
CS42432
1.
Running the CS42432 with the high-pass filter enabled until the filter settles. See the Digital Filter
Characteristics for filter settling time.
2.
Disabling the high-pass filter and freezing the stored DC offset.
5.2.2.1
Hardware Mode
The high pass filters for ADC1 and ADC2 are permanently enabled in Hardware Mode.
5.2.2.2
Software Mode
The high-pass filter for ADC1/ADC2 can be enabled and disabled. The high-pass filters are controlled us-
ing the HPF_FREEZE bit in the register “ADC Control & DAC De-Emphasis (Address 05h)” on page 42.
5.3
Analog Outputs
5.3.1
Initialization
The initialization and Power-Down sequence flow chart is shown in Figure 10 on page 29. The CS42432
enters a power-down state upon initial power-up. The interpolation and decimation filters, delta-sigma
modulators and control port registers are reset. The internal voltage reference, multi-bit digital-to-analog
and analog-to-digital converters and switched-capacitor low-pass filters are powered down.
The device remains in the power-down state until the RST pin is brought high. The control port is acces-
sible once RST is high, and the desired register settings can be loaded per the interface descriptions in
the “Control Port Description and Timing” on page 33. In Hardware Mode operation, the Hardware Mode
pins must be set up before RST is brought high. All features will default to the Hardware Mode defaults
as listed in Table 2.
Once MCLK is valid, VQ will quickly charge to VA/2, and the internal voltage reference, FILT+, will begin
powering up to normal operation. Power is applied to the D/A converters and switched-capacitor filters, and
the analog outputs are clamped to the quiescent voltage, VQ. Once LRCK is valid, MCLK occurrences are
counted over one LRCK period to determine the MCLK/LRCK frequency ratio. After an approximate 2000
sample period delay, normal operation begins.
5.3.2
Line-Level Outputs and Filtering
The CS42432 contains on-chip buffer amplifiers capable of producing line-level differential as well as sin-
gle-ended outputs on AOUT1-AOUT
6. These amplifiers are biased to a quiescent DC level of approxi-
mately VQ.
The delta-sigma conversion process produces high-frequency noise beyond the audio passband, most of
which is removed by the on-chip analog filters. The remaining out-of-band noise can be attenuated using
an off-chip low-pass filter.
See “DAC Output Filter” on page 50 for recommended output filter. The active filter configuration accounts
for the normally differing AC loads on the AOUTx+ and AOUTx- differential output pins. Also shown is a
passive filter configuration which minimizes costs and the number of components.
Figure 11 shows the full-scale analog output levels. All outputs are internally biased to VQ, approximately
VA/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com