Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS44800_06 Datasheet HTML 72Page - Cirrus Logic CS44800_06 Datasheet HTML 73Page - Cirrus Logic CS44800_06 Datasheet HTML 74Page - Cirrus Logic CS44800_06 Datasheet HTML 75Page - Cirrus Logic CS44800_06 Datasheet HTML 76Page - Cirrus Logic CS44800_06 Datasheet HTML 77Page - Cirrus Logic CS44800_06 Datasheet HTML 78Page - Cirrus Logic CS44800_06 Datasheet HTML 79Page - Cirrus Logic CS44800_06 Datasheet HTML 80Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 79 / 80 page
background image
DS632F1
79
CS44800
11.THERMAL CHARACTERISTICS
12.ORDERING INFORMATION
13.REVISION HISTORY
Parameter
Symbol
Min
Typ
Max
Units
Junction to Ambient Thermal Impedance
2 Layer Board
4 Layer Board
θJA
-
-
48
38
-
-
°C/Watt
Product
Description
Package Pb-Free Temp Range Container
Order#
CS44800
8-Channel Digital Ampli-
fier Controller
LQFP
YES
-10° to +70°C
Rail
CS44800-CQZ
CS44800
8-Channel Digital Ampli-
fier Controller
LQFP
YES
-10° to +70°C
Tape and
Reel
CS44800-CQZR
CS44800
8-Channel Digital Ampli-
fier Controller
LQFP
YES
-40° to +85°C
Rail
CS44800-DQZ
CS44800
8-Channel Digital Ampli-
fier Controller
LQFP
YES
-40° to +85°C
Tape and
Reel
CS44800-DQZR
CDB44800
CS44600/800 Evalua-
tion Board
-
-
-
-
CDB44800
CRD44800
8x50 W Half-Bridge
Reference Design Board
-
-
-
-
CRD44800
CRD44800-ST-FB
8x60 W Full-Bridge
Reference Design Board
-
-
-
-
CRD44800-ST-FB
CRD44600-PH-FB
2x100 W Full-Bridge
Reference Design Board
-
-
-
-
CRD44600-PH-FB
Release
Date
Changes
PP1
May 2005
-Updated “Features” on page 1
-Correcte “Power Supply Current” on page 9
-Corrected “High-Level Input Voltage” on page 9
-Corrected “Low-Level Input Voltage” on page 9
-Corrected “High-Level Output Voltage at Io = -2 mA” on page 9
-Corrected “Low-Level Output Voltage at Io = 2 mA” on page 9
-Corrected “Digital Filter Response (Note 12)” on page 11
-Updated Figure 11. Typical Full-Bridge Connection Diagram on page 21
-Updated Figure 12. Typical Half-Bridge Connection Diagram on page 22
-Corrected Figure 13 on page 24
-Updated Section 7.5.2 "AM Frequency Hopping (AM_FREQ_HOP)" on page 53
-Updated “Ordering Information” on page 79
F1
March 2006
-Final Datasheet Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com