Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42526 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 75Page - Cirrus Logic CS42526 Datasheet HTML 76Page - Cirrus Logic CS42526 Datasheet HTML 77Page - Cirrus Logic CS42526 Datasheet HTML 78Page - Cirrus Logic CS42526 Datasheet HTML 79Page - Cirrus Logic CS42526 Datasheet HTML 80Page - Cirrus Logic CS42526 Datasheet HTML 81Page - Cirrus Logic CS42526 Datasheet HTML 82Page - Cirrus Logic CS42526 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
DS585F1
79
CS42526
The external PLL component values listed in Table 21 have a high corner-frequency jitter-attenuation
curve, take a short time to lock, and offer good output jitter performance. It should be noted that the PLL
component values shown must be used with their associated locking modes as shown in Table 21. Use
of any other combinations of component values and locking modes may result in unstable PLL behavior.
Configuration 1 may be used for hardware and software backward-compatibility for designs originally
made with the CS42526 Revision C.
Configuration 2 may be used for hardware-only backward-compatibility for designs originally made with
the CS42526 Revision C. Using the Revision D default locking mode of ‘01’ will provide improved wide-
band jitter rejection in Double- and Quad-Speed modes.
Configuration 3 may be used for new designs with the CS42526 Revision D, or for existing designs in
which the hardware and software may be changed to use the specified PLL component values and
LOCKM[1:0] register setting. This configuration provides the best DAC and ADC performance when
clocked from the PLL recovered clock.
The Typical Connection Diagram, Figure 5 shows the recommended configuration of the two capacitors
and one resistor that comprise the PLL filter. It is important to treat the LPFILT pin as a low-level analog
input. It is suggested that the ground end of the PLL filter be returned directly to the AGND pin indepen-
dently of the digital ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com