Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4530 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # 4530
Description  High Voltage Planar Dividers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

4530 Datasheet(HTML) 2 Page - Welwyn Components Limited

  4530 Datasheet HTML 1Page - Welwyn Components Limited 4530 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Voltage
Planar Dividers
4530 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
208
Application Notes
The terminations should not be bent closer than 1.5mm from
the body, and the recommended minimum bend radius is 1mm.
Due to the high voltage which can appear between the resistor
body and any adjacent metal part, resistors should be mounted
at an adequate distance from other conducting parts.
Temperature Category
Lower temperature category is -55°C, upper temperature
category is 125°C. Due to the possibility of surface
condensation it is recommended that high voltage is not
applied to resistors in conditions of high humidity.
Design Flexibility
The experience of Welwyn engineers has been used to design
this generation of high voltage planar resistors to be suitable
for a majority of applications. However, should an application
require particular consideration, Welwyn designers are
available to provide advice and where applicable, to
recommend a non-standard product. Special sizes, designs
etc, can be prototyped at short notice.
Non Standard Optional Features
The options listed below are some of the special features
which may be provided, subject to agreement.
Special substrate size.
Leadless version with palladium silver solder pads.
Special termination length, diameter and pitch.
Special designs for pulse applications.
Resistance value outside stated range.
Multiple dividers R1, R2, R3 etc.
Packaging
Packed in foam within a box.
Construction
A high quality alumina substrate is printed with a specially
selected high voltage resistor ink based on a ruthenium
oxide/glass system. A choice of protective systems is available.
Choice of Protection
As standard components are supplied conformally coated
with an epoxy resin. By special request components can be
supplied unprotected or with a screen printed epoxy
‘handling’ protection.
Terminations
Material
Solder-coated phosphor bronze lead-frame or
0.8mm dia, copper wire leads.
Solderability
Meets the requirements of IEC 115-1, Clause
4.17.3.2.
Marking
Legend marked with type reference, resistance value,
tolerance ratio and manufacturing date code.
5th digit:
1 refers to leadframe
2 refers to copper wire lead
6th digit:
2 refers to conformal coating
3 refers to screen printed protection
4 refers to unprotected components
Solvent Resistance
The marking and protection will withstand all commonly used
industrial cleaning solvents.
Maximum
Typical
Load: 1000 hours at 70°C
∆R%
5
0.3
Derating from rated power at 70°C
Zero at 125°C
Shelf life: 12 months at room temperature
∆R%
0.3
< 0.1
Temperature rapid change
∆R%
0.1
0.02
Resistance to solder heat
∆R%
0.05
0.02
4531, 4532
5
< 3
Voltage coefficient of resistance ppm/volt
4533, 4534
3
< 2
4535, 4536, 4537
1.5
< 1
Performance Data



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com