Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KFBE Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PXAS30KFBE
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KFBE Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PXAS30KFBE Datasheet HTML 17Page - NXP Semiconductors PXAS30KFBE Datasheet HTML 18Page - NXP Semiconductors PXAS30KFBE Datasheet HTML 19Page - NXP Semiconductors PXAS30KFBE Datasheet HTML 20Page - NXP Semiconductors PXAS30KFBE Datasheet HTML 21Page - NXP Semiconductors PXAS30KFBE Datasheet HTML 22Page - NXP Semiconductors PXAS30KFBE Datasheet HTML 23Page - NXP Semiconductors PXAS30KFBE Datasheet HTML 24Page - NXP Semiconductors PXAS30KFBE Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
21
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
––
CCON
(41AH)
CH
CL
OVERFLOW
INTERRUPT
16–BIT UP COUNTER
IDLE
TO PCA
MODULES
CMOD
(490H)
CIDL
WDTE
––
––
––
CPS1
CPS0
ECF
TCLK
(OSC/4, OSC/16,
OR OSC/64)
TIMER 0
OVERFLOW
EXTERNAL INPUT
(P4.0/ECI)
DECODE
01
10
11
SU01304
Figure 8. PCA Timer/Counter
MODULE 0
MODULE 1
MODULE 2
MODULE 3
MODULE 4
PCA TIMER/COUNTER
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
––
CMOD.0
ECF
CCAPMn.0
ECCFn
TO
INTERRUPT
PRIORITY
DECODER
CCON
(41AH)
IEL.5
EPC
IEL.7
EA
SU01305
Figure 9. PCA Interrupt System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com