Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAR Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # CAR
Description  Ultra Precision Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

CAR Datasheet(HTML) 2 Page - Welwyn Components Limited

  CAR Datasheet HTML 1Page - Welwyn Components Limited CAR Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Figure 1
Construction
Ceramic rods are coated with a metal film and plated steel
caps are force fitted. A helical cut is used to adjust the film to
its final value.
Termination wires are welded to the caps and the resistor is
protected with a specially formulated epoxy coating.
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Ultra Precision
Metal Film Resistors
CAR series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
179
Issue B · 03.02
Welwyn Components
Values 10
≤ 250k
Values > 250k
Actual Performance
Actual Performance
Maximum
Typical
Maximum
Typical
Load at rated power : 1000 hrs at 70°C (or 85°C)
∆R %
0.05
0.02
0.25
0.05
Dry heat : 1000 hrs at 155°C
∆R %
0.15
0.08
1
0.2
Shelf life : 12 months at room temperature
∆R %
0.01
0.003
0.04
0.02
Derating from rated power at 70°C (or 85°C)
Zero at 155°C
Zero at 155°C
Short term overload
∆R %
0.01
0.001
0.08
0.01
Climatic
∆R %
0.05
0.02
0.2
0.05
Climatic category
55/155/56
55/155/56
Long term damp heat
∆R %
0.05
0.02
0.2
0.05
Temperature rapid change
∆R %
0.04
0.02
0.25
0.05
Resistance to solder heat
∆R %
0.02
0.003
0.05
0.005
Vibration and bump
∆R %
0.02
0.002
0.06
0.02
Noise (in a decade of frequency)
µV/V
0.2
0.03
1
0.1
Voltage coefficient of resistance
ppm/V
0.3
<0.05
0.2
<0.05
Marking
Type reference, TCR code, resistance value and tolerance
code.
The resistance value marking conforms to IEC 62.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning fluids suitable for printed circuits.
Performance Data
Application Notes
Resistors can be supplied matched for tolerance and TCR
down to ±0.005% and ±1ppm/°C, respectively, either as
separate resistors or pre-assembled and encapsulated within a
plastic box.
The individual resistors within a set or module can be
manufactured with a tolerance of ±0.01% and a TCR of
±5ppm/°C.
52
f1
f2
6
6
5
Body location f1 – f2
≤ 1.4 mm
Packaging
CAR5 and CAR6 resistors are supplied taped (on reel or in
ammo pack) or loose packed.
CAR7 resistors are supplied loose packed.
Type
CAR5
CAR6
CAR7
Small box
250
125
25
Large box
1000
500
250
Reel
5000
2500
-
Ammo Pack
1000
1000
-
Standard Quantities Per Pack



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com