Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHP Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # CHP
Description  Metal Glaze??General Purpose Surface Mount Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

CHP Datasheet(HTML) 2 Page - Welwyn Components Limited

  CHP Datasheet HTML 1Page - Welwyn Components Limited CHP Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Metal Glaze
™ General Purpose
Surface Mount Power Resistors
CHP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
CHP Power Derating Curve
CHP Repetitive Surge Curve
Issue C · 05.03
Welwyn Components
44
120%
100%
80%
60%
40%
20%
0%
30
50
70
90
110
130
150
Ambient Temperature (oC)
CHP 1/8, 1/2, 1
CHP 2
1000
100
10
1
0.0001 0.0010 0.0100 0.1000 1.0000
.1msec
1msec
10msec
100msec
10000msec
Surge or pulse duration (seconds)
CHP 2
CHP 1
CHP 1/8
CHP 1/2
Note: Use for repetitive pulses where the average power
dissipation is not to exceed the component rating at 70°C.
Surge handling capacity for low-repetitive surges may be
significantly greater than shown above. Contact factory for
recommendations.
Size Code
Industry
Dimensions (mm)
Footprint
LW
C
CHP1/8
1206
3.25±0.18
1.45±0.15
0.51±0.25
CHP1/2
2010
5.08±0.25
2.01±0.15
0.761±0.25
CHP1
2512
6.38±0.25
2.01±0.15
1.02±0.25
CHP2
3610
9.32±0.25
2.67±0.15
1.27±0.25
Physical Data
L
C
W
CHP_C.qxd
14/5/03
8:16 am
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com