Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-2B Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # AS-2B
Description  Semi-Precision Power Wirewound Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

AS-2B Datasheet(HTML) 2 Page - Welwyn Components Limited

  AS-2B Datasheet HTML 1Page - Welwyn Components Limited AS-2B Datasheet HTML 2Page - Welwyn Components Limited AS-2B Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semi-Precision Power
Wirewound Resistor
AS Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
92
Issue D · 03.06
Welwyn Components
Power Derating
Temperature Rise @ 25°C
Selected Pulse-Handling Capability @ 125°C
Temperature Rise @ 125°C
200
175
150
125
100
75
0
Ambient Temperature (C)
AS-1/4, 1/2, 1, 1C
AS-3, 2
AS-2C
AS-5, 10
AS-2B
AS-7
25
75
125
175
225
275
275
250
200
150
100
50
25
Percent of 25C Power Rating
AS-1/4
AS-7, 10
AS-1/2
AS-2A, 2C
AS-3, AS-5
AS-2B
0
40
80
120
160
200
AS-2A, 2C
275
250
200
150
125
Percent of 125
°C Power Rating
AS-2
AS-7, 10
AS-1/2
AS-1/4
AS-2A, 2C
AS-3, AS-5
AS-2B
0
40
80
120
160
200
14
12
10
8
6
4
2
0
Resistance (ohms)
AS-2A
AS-3
AS-2B
AS-2
AS-2C
AS-1
AS-1/2
AS-1/4
0.1
0.2
0.5
1
2
5
10
Test Condition
Max
∆R
Load Life 1000 hours
1.0%
Moisture Resistance
1.0%
Temperature Cycle
0.5%
Short Time Overload
0.5%
Low Temperature Operation
0.5%
Solder Heat
0.25%
Shock
0.5%
Vibration
0.5%
Packaging
Parts are supplied taped and reeled.
Standard quantity per reel.
Environmental Testing at 25°C
Standard Quantities Per Package
AS 1/4, 1/2, 1C
2,000
AS 1, 2, 2B, 2C
1,000
AS 3
1,000
AS 5, 7, 10
500



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com