Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-2C Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # AS-2C
Description  Semi-Precision Power Wirewound Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

AS-2C Datasheet(HTML) 1 Page - Welwyn Components Limited

  AS-2C Datasheet HTML 1Page - Welwyn Components Limited AS-2C Datasheet HTML 2Page - Welwyn Components Limited AS-2C Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semi-Precision Power
Wirewound Resistor
AS Series
• 0.25 to 10 watts
• Tolerance down to ±0.5%
• 0.1 ohm to 175K ohms
• Resistance wire TCR ±20 ppm/°C
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
91
Issue D · 03.06
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions (mm)
Type
A ±0.81
B (max)
C (max)
D (Lead Diameter)
AS-1/4
6.4
2.4
7.9
0.5
AS-1/2
7.9
2.4
9.5
0.5
AS-1
9.3
3.2
10.9
0.5
0.64
AS-1C
6.5
2.9
7.7
0.64
0.8
AS-2
12.2
6.3
15.2
0.8
AS-2B
13.7
5.6
16.6
0.8
AS-2C
11.0
4.0
15.1
0.8
AS-3
17.5
7.2
20.6
1.0
AS-5
22.2
8.8
24.9
1.0
AS-7
31.8
8.8
35.0
1.0
AS-10
46.0
9.8
49.2
1.0
* Leads are solder plated. AS-1C leads are copper. All others are 40% conductivity copper sheathed steel.
Electrical Data
Equivalent
Power Rating
Commercial Range
Non-Inductive Range
Available Resistance
MIL-R-26
(watts)
(ohms)
(ohms)
(ohms)
Type
Style
125°C
25°C
Min.
Max.
Min.
Max.
0.5%, 1%
3%, 5%
AS-1/4
RW81
0.5
1
0.1
1.0K
*
*
1-1K
0.1-1K
AS-1/2
0.5
1
0.1
6.0K
*
*
1-6K
0.1-6K
AS-1
RW70U
1
2
0.1
7.5K
0.1
3.8K
1-7.5K
0.1-7.5K
AS-1C
1
2
.05
2K
*
*
1-2K
.05-2K
AS-2
RW-69V/
2
3
0.1
20K
0.5
10K
1-20K
0.1-20K
RW79U
AS-2B
3
4
0.1
24K
0.5
12K
1-24K
0.1-24K
AS-2C
2
3
0.1
18K
0.2
7.5K
1-18K
0.1-18K
AS-3
3
5
0.1
30K
0.5
15K
1-30K
0.1-30K
AS-5
RW74U/
5
7
0.1
60K
0.8
30K
1-60K
0.1-60K
RW67U
AS-7
7
9
0.1
90K
1.0
45K
1-90K
0.1-90K
AS-10
RW68V/
10
14
0.1
175K
3.0
50K
1-175K
0.1-175K
RW78U
Inductance of AS-1/2 is less than 1µH at 1MHz.
* Typical inductance of AS-1C <5ohms is <1µH.
To order non-inductive types, add the prefix ‘N’. Example: NAS-1, NAS-2C, etc.
Lower values available upon request.
Physical Data
A
D
C
1.50 min.
(38.1)
B
Please note lead length dimension change on the following
two items only:
AS-2B 33.0mm (min)
AS-2C 33.0mm (min)
Note:
• Coating and marking is resistant to normal freon
degreasing.
Consult factory for special requirements.
• AS marking available in Alpha Numeric or Colourbanding -
identification available.


Similar Part No. - AS-2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS-2C ETC1-AS-2C Datasheet
103Kb / 2P
SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
IRC - a TT electronics ...
AS-2C IRCTT-AS-2C Datasheet
182Kb / 3P
Semi-Precision Power Wirewound Resistor
More results

Similar Description - AS-2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
PPW WELWYN-PPW Datasheet
136Kb / 2P
Semi-Precision Power Wirewound Resistors
logo
IRC - a TT electronics ...
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
Semi-Precision Power Wirewound Resistor
LAS-32001JLF IRCTT-LAS-32001JLF Datasheet
218Kb / 3P
Low Cost Semi-Precision Power Wirewound Resistor
PPW1015R0HLF IRCTT-PPW1015R0HLF Datasheet
611Kb / 3P
Semi-Precision Power Wirewound Resistor for Pulse & Surge Applications
T-2B79U49R9 IRCTT-T-2B79U49R9 Datasheet
157Kb / 2P
COMMERCIAL STYLES SEMI-PRECISION POWER WIREWOUND
T1801000F IRCTT-T1801000F Datasheet
198Kb / 4P
Commercial Styles Semi-Precision Power Wirewound Resistors
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
Semi-Precision Power Wirewound Resistor
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
General Purpose and Precision Wirewound Resistor
11/29/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com