Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PXAS30
Description  XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PXAS30 Datasheet HTML 11Page - NXP Semiconductors PXAS30 Datasheet HTML 12Page - NXP Semiconductors PXAS30 Datasheet HTML 13Page - NXP Semiconductors PXAS30 Datasheet HTML 14Page - NXP Semiconductors PXAS30 Datasheet HTML 15Page - NXP Semiconductors PXAS30 Datasheet HTML 16Page - NXP Semiconductors PXAS30 Datasheet HTML 17Page - NXP Semiconductors PXAS30 Datasheet HTML 18Page - NXP Semiconductors PXAS30 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
15
ADCS0
LSB
MSB
BIT
SYMBOL
FUNCTION
ADCS.7
ADCS7
A/D channel 7 select bit.
ADCS.6
ADCS6
A/D channel 6 select bit.
ADCS.5
ADCS5
A/D channel 5 select bit.
ADCS.4
ADCS4
A/D channel 4 select bit.
ADCS.3
ADCS3
A/D channel 3 select bit.
ADCS.2
ADCS2
A/D channel 2 select bit.
ADCS.1
ADCS1
A/D channel 1 select bit.
ADCS.0
ADCS0
A/D channel 0 select bit.
ADCS1
ADCS2
ADCS3
ADCS4
ADCS5
ADCS6
ADCS7
ADCS
Address:43Fh
Bit Addressable
Reset Value: 00h
SU00939
Figure 2. A/D Channel Select Register (ADCS)
LSB
MSB
BIT
SYMBOL
FUNCTION
ADCFG.7
—
Reserved for future use. Should not be set to 1 by user programs.
ADCFG.6
—
Reserved for future use. Should not be set to 1 by user programs.
ADCFG.5
—
Reserved for future use. Should not be set to 1 by user programs.
ADCFG.4
—
Reserved for future use. Should not be set to 1 by user programs.
ADCFG.3–0
ADCFG
A/D timing configuration (see text and table).
A/D Timing Configuration
—
—
—
—
ADCFG
Address:4B9h
Not bit Addressable
Reset Value: 00h
SU00940
Figure 3. A/D Timing Configuration Register (ADCFG)
Table 2. A/D Timing Configuration
ADCFG 3 0
Max. Oscillator
Conversion Time
Sampling Time
ADCFG.3–0
Frequency (MHz)
Osc. Clocks
µsec at max. Osc.
pg
(Osc. Clocks)
0h (0000)
6.66
72
10.81
4
1h (0001)
10
76
7.6
6
2h (0010)
11.11
80
7.2
8
3h (0011)
13.33
96
7.2
8
4h (0100)
16.66
100
6.0
10
5h (0101)
20
104
5.2
12
6h (0110)1
20
116
5.8
24
7h (0111)
22.2
108
4.86
14
8h (1000)
23.3
124
5.32
14
9h (1001)
26.6
128
4.81
16
Ah (1010)
30
132
4.4
18
Bh (1011)1
30
146
4.87
32
Ch (1100)
–
136
4.25
20
Dh (1101)
–
152
4.56
20
Eh (1110)
–
172
4.7
22
Fh (1111)
–
176
4.4
24
NOTE:
1. These settings provide additional A/D input sampling time, in order to allow accurate readings with a higher external source impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com