Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # FC4
Description  Fusible Carbon Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

FC4 Datasheet(HTML) 1 Page - Welwyn Components Limited

  FC4 Datasheet HTML 1Page - Welwyn Components Limited FC4 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fusible Carbon
Film Resistors
FC4
• Predictable fusing characteristics
• Constant voltage fusing characteristics
• Fuses at very low powers
• Flame retardant lacquer
FC4
Power rating at 70°C
watts
0.33
Resistance range
ohms
1R0-5K1
TCR
ppm/°C
300
Resistance tolerance
%
5, 10
Standard values
E24 preferred
Thermal impedance
°C/watt
215
Ambient temperature range
°C
-55 to 125
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
166
Construction
The carbon film is deposited on a high purity ceramic rod.
End caps are fitted and termination wires welded to the caps.
The resistive film is adjusted to the required value by a special
helical cut; finally the flame retardant lacquer protection is
applied to the resistor body and marked with an indelible ink.
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Marking
Resistance value and tolerances are identified in accordance
with IEC62.4 - band colour code. A fifth (yellow) band
denotes that the product is fusible and suitable for use in
constant voltage applications.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Flammability
The resistor coating will not burn or emit incandescent
particles under any condition of applied temperature or
power overload.
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
bend
Type
L Max
D Max
f min
d nom
centres
radius
Wt.nom
FC4
6.2
2.5
21.0
0.6
10.2
0.6
0.3
Physical Data
L
D
f
d


Similar Part No. - FC4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
FC4 TTELEC-FC4 Datasheet
184Kb / 3P
Fusible Carbon Fusible Carbon
03.02
logo
Positronic.
FC4008D POSITRONIC-FC4008D Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC4008DS POSITRONIC-FC4008DS Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC4008DS POSITRONIC-FC4008DS Datasheet
952Kb / 16P
SCORPION MODULAR POWER, SIGNAL CONNECTORS
Rev A 19/10
FC4008DS-PA781 POSITRONIC-FC4008DS-PA781 Datasheet
952Kb / 16P
SCORPION MODULAR POWER, SIGNAL CONNECTORS
Rev A 19/10
More results

Similar Description - FC4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCM0207SI VISHAY-LCM0207SI Datasheet
314Kb / 4P
Carbon Film, Cylindrical, Fusible Resistors
15-Feb-06
logo
Dubilier
DCR255T10K DUBILIER-DCR255T10K Datasheet
126Kb / 2P
RESISTORS CARBON FILM DCR
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
Carbon Film Resistors
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
Carbon Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com