Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # FCR
Description  Fusing Surface Mounted Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

FCR Datasheet(HTML) 1 Page - Welwyn Components Limited

  FCR Datasheet HTML 1Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FCR 1/4
FCR 1/2
Power Rating @ 70°C
watts
0.25
0.5
Resistance range
ohms
10R - 300R
10R - 100R
TCR
ppm/°C
±500
±500
Resistance tolerance
%
±5
±5
Ambient temperature range
°C
-55 to 125
Values
E24 preferred
Max standoff voltage
100V
Fusing Surface
Mounted Resistors
FCR Series
• Fuses under overload conditions
• Flow or re-flow soldering
• Excellent stability
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Fusing Characteristics
Issue C · 04.03
A subsidiary of
TT electronics plc
Welwyn Components
FCR 1/4
FCR 1/2
Resistance
ohms
10R - 27R
30R - 300R
10R -100R
Fusing power
watts
3.75
3.00
4.50
Fusing time
1 to 60 seconds
Physical Data
22
Power Rating
For resistors operated in ambient temperatures above
70°C. Power rating must be derated in accordance with
the derating curve.
Packaging
Parts supplied Tape and Reel 5000 pieces per 7” reel as
per IEC 286-3.
100
80
60
40
20
0
(%)
- 55
0
70
125 (
°C)
Ambient temperature
T
W
A
A
L
Wrap-around terminations
(3 faces)
Dimensions (mm)
Type
L
W
A
T
FCR1/4
3.20
2.60
0.50
0.55
±0.15
±0.15
±0.20
±0.15
FCR1/2
5.00
2.50
0.60
+0.1529
±0.15
±0.15
±0.25
0.55 -0.05
FCR_C.qxd
28/4/03
9:52 am
Page 1


Similar Part No. - FCR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
FCR TTELEC-FCR Datasheet
364Kb / 3P
Fusible Chip Resistors
logo
M-System Co.,Ltd.
FCR MSYSTEM-FCR Datasheet
112Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
Trimmable Thick Film Chip Resistor
11/18/2020
logo
TE Connectivity Ltd
FCR TEC-FCR Datasheet
1Mb / 16P
Passive Components
August 2007
logo
YAGEO Corporation
FCR YAGEO-FCR Datasheet
932Kb / 15P
CARBON FILM RESISTORS
April 3, 2024 V.3
More results

Similar Description - FCR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CR0503 WELWYN-CR0503 Datasheet
165Kb / 3P
Surface Mounted Resistors
WCR WELWYN-WCR Datasheet
661Kb / 2P
50General Purpose Surface Mounted Resistors
logo
KOA Speer Electronics, ...
RF25CCT52AR68K KOA-RF25CCT52AR68K Datasheet
435Kb / 2P
coat-insulated fusing resistors (constant current fusing type)
RF26B2ETTA100J KOA-RF26B2ETTA100J Datasheet
434Kb / 2P
coat-insulated fusing resistors
logo
Welwyn Components Limit...
WCR WELWYN-WCR_13 Datasheet
643Kb / 3P
General Purpose Surface Mounted Resistors
logo
List of Unclassifed Man...
HR ETC1-HR Datasheet
280Kb / 2P
HIGH VALUE SURFACE MOUNTED RESISTORS
WCR0805-39KFI ETC2-WCR0805-39KFI Datasheet
424Kb / 3P
GENERAL PURPOSE SURFACE MOUNTED RESISTORS
WCR1206 ETC2-WCR1206 Datasheet
424Kb / 3P
General Purpose Surface Mounted Resistors
WCR1206-3K9FI ETC2-WCR1206-3K9FI Datasheet
424Kb / 3P
General Purpose Surface Mounted Resistors
logo
TT Electronics.
CR0503 TTELEC-CR0503 Datasheet
441Kb / 3P
Surface Mounted Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com