Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM1 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # FM1
Description  Fusible Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

FM1 Datasheet(HTML) 2 Page - Welwyn Components Limited

  FM1 Datasheet HTML 1Page - Welwyn Components Limited FM1 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fusible Metal Film
Resistors
FM Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
165
Maximum
Load: 1000 hours at 70˚C
3
%
R
Shelf life: 12 months at room temperature
2
%
R
C
˚
5
5
1
t
a
o
r
e
z
C
˚
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
i
t
a
r
e
D
Temperature rapid change
5
.
0
%
R
Resistance to solder heat
5
.
0
%
R
Performance Data
52
f1
f2
6
6
5
Body Location f1 – f2
1.4 mm
Fusing
After fusing the final resistance value will be 50 times the
initial value.
Packaging
All resistors are supplied tape packed ready for loading on
to automatic sequencing and insertion machines.
The standard taping method and critical dimensions are
shown in figure 1. Component wire will not protrude
beyond the outside edge of the tapes.
Lead Formed resistors can also be supplied. Standard
options of Lancet, Radial and Goalpost forming are shown
in Lead Form Information section.
A detailed Packaging Data Sheet is available on request.
Figure 1
Type
FM1/4
FM1/2
FM1
Large ammo pack
5000
2500
1500
Standard Quantities Per Package
FM1 Fuse Times
FM1/2 Fuse Times
FM1/4 Fuse Times
Initial Power (W)
Initial Power (W)
Initial Power (W)
Issue C · 01.07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com