Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN4 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # FN4
Description  Fusible Nickel Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

FN4 Datasheet(HTML) 2 Page - Welwyn Components Limited

  FN4 Datasheet HTML 1Page - Welwyn Components Limited FN4 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fusible Nickel
Film Resistors
FN Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
169
Issue B · 03.02
Welwyn Components
Packaging
All FN resistors are supplied tape packed ready for loading on
to automatic sequencing and insertion machines.
Component wires will not protrude beyond the outside edge
of the tapes.
Alternative packaging available by request.
A detailed Packaging Data Sheet is available upon request.
Lead Formed resistors can also be supplied. Standard options
of Lancet, Radial and Goalpost forming are shown in Lead
Form Information section
52
f1
f2
6
6
5
Body location f1 – f2
≤ 1.4 mm
Fusing
After fusing the final resistance value will be
≥10 times the
initial value.
Maximum
Load: 1000 hours at 70°C
∆R%
1
Shelf life: 12 months at room temperature
∆R%
0.5
Derating from rated power at 70°C
zero at 155°C
Long term damp heat
∆R%
1
Resistance to solder heat
∆R%
0.5
Fusing characteristics
See Figure 2
Performance Data
Type
FN4
Large ammo pack
5000
Standard Quantities Per Package



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com